Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5425-PLSW Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 16Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 17Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 18Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 19Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 20Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
17
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.7
In-band Disturbers, Data Filter, Quasi-peak Detector, Data Slicer
If a disturbing signal falls into the received band or a blocker is not continuous wave, the perfor-
mance of a receiver strongly depends on the circuits after the IF filter. The demodulator, data
filter and data slicer are important, in that case.
The data filter of the ATA5423/ATA5425/ATA5428/ATA5429 implies a quasi-peak detector. This
results in a good suppression of the above mentioned disturbers and exhibits a good carrier to
Gaussian noise performance. The required useful signal to disturbing signal ratio to be received
with a BER of 10
–3 is less than 12 dB in ASK mode and less than 3 dB (BR_Range_0 to
BR_Range_2)/6 dB (BR_Range_3) in FSK mode. Due to the many different waveforms possible
these numbers are measured for signal as well as for disturbers with peak amplitude values.
Note that these values are worst case values and are valid for any type of modulation and mod-
ulating frequency of the disturbing signal as well as the receiving signal. For many combinations,
lower carrier to disturbing signal ratios are needed.
3.8
DEM_OUT Output
The internal raw output signal of the demodulator Demod_Out is available at pin DEM_OUT.
DEM_OUT is an open drain output and must be connected to a pull-up resistor if it is used (typi-
cally 100 k
Ω) otherwise no signal is present at that pin.
3.9
RSSI Output
The output voltage of the pin RSSI is an analog voltage, proportional to the input power level.
Using the RSSI output signal, the signal strength of different transmitters can be distinguished.
The usable dynamic range of the RSSI amplifier is 70 dB, the input power range P(RF
IN) is
–115 dBm to –45 dBm and the gain is 8 mV/dB. Figure 3-6 shows the RSSI characteristic of a
typical device at 433.92 MHz with VS1 = VS2 = 2.4 to 3.6 V and T
amb = –40°C to +85°C with a
matched input according to Table 3-2 on page 12 and Figure 3-1 on page 11. At 915 MHz about
3.3 dB and at 868.3 MHz about 2.7 dB more signal level, at 345 MHz about 0.8 dB and at
315 MHz about 1 dB less signal level is needed for the same RSSI results.
Figure 3-6.
Typical RSSI Characteristic versus Temperature and Supply Voltage
400
500
600
700
800
900
1000
1100
-80
-70
-60
-50
-120
-110
-100
-90
PRF_IN (dBm)
-40
max.
min.
typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com