Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5425-PLSW Datasheet(PDF) 57 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 54Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 55Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 56Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 57Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 58Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 59Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 60Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 100 page
background image
57
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
For the best noise immunity, use of a low span between T
Lim_min and TLim_max is recommended.
This is achieved using a fixed frequency at a 50% duty cycle for the transmitter preburst: a
“11111...” or a “10101...” sequence in Manchester or Bi-phase is a good choice. A good compro-
mise between sensitivity and susceptibility to noise regarding the expected edge-to-edge time,
t
ee, is a time window of ±38%; to get the maximum sensitivity the time window should be ±50%
and then N
Bit-check ≥ 6. Using preburst patterns that contain various edge-to-edge time periods,
the bit-check limits must be programmed according to the required span.
The bit-check limits are determined by means of the formula below:
T
Lim_min = Lim_min × TXDCLK
T
Lim_max = (Lim_max -1) × TXDCLK
Lim_min is defined by the bits Lim_min 0 to Lim_min 5 in control register 5.
Lim_max is defined by the bits Lim_max 0 to Lim_max 5 in control register 6.
Using the above formulas, Lim_min and Lim_max can be determined according to the required
T
Lim_min, TLim_max and TXDCLK. The time resolution defining TLim_min and TLim_max is TXDCLK. The
minimum edge-to-edge time t
ee is defined in the section “Receiving Mode” on page 59. The
lower limit should be set to Lim_min
≥ 10. The maximum value of the upper limit is
Lim_max = 63.
Figure 9-5, Figure 9-6, and Figure 9-7 illustrate the bit check for the bit-check limits
Lim_min = 14 and Lim_max = 24. The signal processing circuits are enabled during T
Startup_PLL
and T
Startup_Sig_Proc. The output of the ASK/FSK demodulator (Demod_Out) is undefined during
that period. When the bit check becomes active, the bit-check counter is clocked with the cycle
T
XDCLK.
Figure 9-5 shows how the bit check proceeds if the bit-check counter value CV_Lim is within the
limits defined by Lim_min and Lim_max at the occurrence of a signal edge. In Figure 9-6 on
page 58 the bit check fails because the value CV_Lim is lower than the limit Lim_min. The bit
check also fails if CV_Lim reaches Lim_max. This is illustrated in Figure 9-7 on page 58.
Figure 9-5.
Timing Diagram During Bit Check
Bit check ok
Bit check ok
Bit check mode
Start-up mode
1/2 Bit
1/2 Bit
1/2 Bit
RX_ACTIVE
(Lim_min = 14, Lim_max = 24)
Demod_Out
Bit-check counter
Bit check
T
Startup_Sig_Proc
T
Bit-check
T
XDCLK
1 2 345 67 81 2 3 45 6789 10 1112131415161718 1 23 4 5 6 7 8 9 10 11
0
1213 1415 1 2 3 4 5 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com