Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5425-PLSW Datasheet(PDF) 50 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 46Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 47Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 48Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 49Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 50Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 51Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 52Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 53Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 100 page
background image
50
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
8.4
Command: Write Control Register
The control registers can be written individually or successively. An echo of the command and
the data bytes are provided for the microcontroller on pin SDO_TMDO.
Figure 8-4.
Write Control Register
8.5
Command: OFF Command
If AVCC_EN in control register 1 is “0”, the input level on pin PWR_ON is low and on the key
inputs Tn is high, then the OFF command sets the transceiver in the OFF mode.
Figure 8-5.
OFF Command
8.6
Command: Delete IRQ
The delete IRQ command sets pin IRQ to low.
Figure 8-6.
Delete IRQ
8.7
Command Structure
The three most significant bits of the command (bit 5 to bit 7) indicate the command type. Bit 0 to
bit 4 describe the target address when reading or writing a control or status register. In all other
commands bit 0 to bit 4 have no effect and should be set to “0” for compatibility with future
products.
SCK
CS
SDO_TMDO
SDI_TMDI
Write Control Register X
Data Control Register X
No. Bytes in the TX/RX Data Buffer
Command: Write Control Register X
MSB
MSB
LSB
LSB
LSB
MSB
Command: Write Control Register Y
Data Control Register X
SCK
CS
SDO_TMDO
SDI_TMDI
No. Bytes in the TX/RX Data Buffer
Command: OFF Command
LSB
MSB
SCK
CS
SDO_TMDO
SDI_TMDI
No. Bytes in the TX/RX Data Buffer
Command: Delete IRQ
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com