Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5425-PLSW Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATA5425-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5425-PLSW Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATA5425-PLSW Datasheet HTML 22Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 23Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 24Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 25Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 26Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 27Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 28Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 29Page - ATMEL Corporation ATA5425-PLSW Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
26
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
C
0 of the XTAL has to be lower than CLmin/2 = 3.7 pF for a Pierce oscillator type in order to not
enter the steep region of pulling versus load capacitance where there is a risk of an unstable
oscillation.
To ensure proper start-up behavior the small signal gain, and thus the negative resistance, pro-
vided by this XTO at start is very large; for example, oscillation starts up even in worst case with
a crystal series resistance of 1.5 k
Ω at C
0 ≤2.2 pF with this XTO. The negative resistance is
approximately given by
with Z
1, Z2 as complex impedances at pin XTAL1 and XTAL2, hence
Z
1 =–j/(2 ×π × fXTO × CL1) + 5Ω and Z2 = –j/(2 × π × fXTO × CL2) + 5Ω.
Z
3 consists of crystals C0 in parallel with an internal 110 kΩ resistor hence
Z
3 =–j/(2 ×π × fXTO × C0) /110 kΩ, gm is the internal transconductance between XTAL1 and
XTAL2 with typically 19 mS at 25°C.
With f
XTO = 13.5 MHz, gm = 19 mS, CL = 9 pF, and C0 = 2.2 pF, this results in a negative resis-
tance of about 2 k
Ω. The worst case for technological, temperature and supply voltage variations
is then for C
0 ≤2.2 pF always higher than 1.5 kΩ.
Due to the large gain at startup, the XTO is able to meet a very low start-up time. The oscillation
start-up time can be estimated with the time constant
τ.
After 10
τ to 20 τ an amplitude detector detects the oscillation amplitude and sets XTO_OK to
High if the amplitude is large enough. This sets N_RESET to High and activates the CLK output
if CLK_ON in control register 3 is High (see Table 7-7). Note that the necessary conditions of the
VSOUT and DVCC voltage also have to be fulfilled (see Figure 4-2 and Figure 5-1).
To save current in IDLE and Sleep modes, the load capacitors are partially switched off in these
modes with S1 and S2, as seen in Figure 4-2.
It is recommended to use a crystal with C
m = 3.0 fF to 7.0 fF, CLN =9 pF, Rm <120Ω and
C
0 = 1.0 pF to 2.2 pF.
Lower values of C
m can be used, this increases the start-up time slightly. Lower values of C0 or
higher values of C
m (up to 15 fF) can also be used, this has only little influence on pulling.
Re Z
XTOcore
{} Re
Z
1
Z
3
Z
2
Z
3
Z
1
+
Z
2
×
Z
3
g
m
×
×
×
+
×
Z
1
Z
2
Z
3
Z
1
Z
2
×
g
m
×
+++
------------------------------------------------------------------------------------------------------
⎩⎭
⎨⎬
⎧⎫
=
τ
2
4
π
2
×
f
m
2
×
C
m
×
Re Z
XTOcore
() R
m
+
()
×
-----------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com