Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 14 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 14 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 10Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 11Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 12Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 13Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 14Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 15Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 16Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 17Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 18Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
14
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Figure 4. Auto-Reload Mode Up/Down Counter (DCEN = 1)
6.3.2 Programmable Clock-Output
In the clock-out mode, timer 2 operates as a 50%-duty-cycle, programmable clock generator (See Figure 5) . The
input clock increments TL2 at frequency FOSC/2. The timer repeatedly counts to overflow from a loaded value.
At overflow, the contents of RCAP2H and RCAP2L registers are loaded into TH2 and TL2. In this mode, timer
2 overflows do not generate interrupts. The formula gives the clock-out frequency as a function of the system
oscillator frequency and the value in the RCAP2H and RCAP2L registers :
For a 16 MHz system clock, timer 2 has a programmable frequency range of 61 Hz
(FOSC/2
16) to 4 MHz (F
OSC/4). The generated clock signal is brought out to T2 pin (P1.0).
Timer 2 is programmed for the clock-out mode as follows:
q
Set T2OE bit in T2MOD register.
q
Clear C/T2 bit in T2CON register.
q
Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L registers.
q
Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the reload value or a different
one depending on the application.
(DOWN COUNTING RELOAD VALUE)
C/T2
TF2
TR2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
XTAL1
:12
FOSC
FXTAL
0
1
T2CONreg
T2CONreg
T2CONreg
T2CONreg
T2EX:
if DCEN=1, 1=UP
if DCEN=1, 0=DOWN
if DCEN = 0, up counting
Clock
OutFrequency
–
F
osc
4
65536
RCAP2H
–
RCAP2L
⁄
()
×
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com