Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 34 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 34 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 30Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 31Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 32Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 33Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 34Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 35Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 36Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 37Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 38Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
34
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
8. TS87C52X2
8.1 EPROM Structure
The TS87C52X2 is divided in two different arrays:
q
the code array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Kbytes.
q
the encryption array: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64 bytes.
In addition a third non programmable array is implemented:
q
the signature array:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 bytes.
8.2 EPROM Lock System
The program Lock system, when programmed, protects the on-chip program against software piracy.
8.2.1 Encryption Array
Within the EPROM array are 64 bytes of encryption array that are initially unprogrammed (all FF’s). Every time
a byte is addressed during program verify, 6 address lines are used to select a byte of the encryption array. This
byte is then exclusive-NOR’ed (XNOR) with the code byte, creating an encrypted verify byte. The algorithm, with
the encryption array in the unprogrammed state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the value FFh, verifying
the byte will produce the encryption byte value. If a large block (>64 bytes) of code is left unprogrammed, a
verification routine will display the content of the encryption array. For this reason all the unused code bytes
should be programmed with random values. This will ensure program protection.
8.2.2 Program Lock Bits
The three lock bits, when programmed according to Table 19., will provide different level of protection for the
on-chip code and data.
U: unprogrammed,
P: programmed
WARNING: Security level 2 and 3 should only be programmed after EPROM and Core verification.
Table 19. Program Lock bits
Program Lock Bits
Protection description
Security
level
LB1
LB2
LB3
1
U
U
U
No program lock features enabled. Code verify will still be encrypted by the encryption
array if programmed. MOVC instruction executed from external program memory
returns non encrypted data.
2
P
U
U
MOVC instruction executed from external program memory are disabled from fetching
code bytes from internal memory, EA is sampled and latched on reset, and further
programming of the EPROM is disabled.
3
U
P
U
Same as 2, also verify is disabled.
4
U
U
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com