Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 49 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 49 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 45Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 46Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 47Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 48Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 49Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 50Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 51Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 52Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 53Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Rev. B - Jan. 25, 1999
49
Preliminary
TS80C52X2
10.4.6 External Data Memory Read Cycle
Figure 19. External Data Memory Read Cycle
10.4.7 Serial Port Timing - Shift Register Mode
Table 31. AC Parameters for a Fix Clock
Table 30. Symbol Description
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Speed
(see ordering)
-M
-V
-L
Units
Symbol
Min
Max
Min
Max
Min
Max
TXLXL
300
200
600
ns
TQVHX
200
117
367
ns
TXHQX
20
13
50
ns
TXHDX
0
0
0
ns
TXHDV
200
117
367
ns
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TRLAZ
ADDRESS A8-A15 OR SFR P2
TRHDZ
TWHLH
TRLRH
TLLDV
TRHDX
TAVDV
TLLAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com