Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 18 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 18 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 14Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 15Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 16Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 17Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 18Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 19Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 20Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 21Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 22Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
18
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
6.4 TS80C52X2 Serial I/O Port
The serial I/O port in the TS80C52X2 is compatible with the serial I/O port in the 80C52.
It provides both synchronous and asynchronous communication modes. It operates as an Universal Asynchronous
Receiver and Transmitter (UART) in three full-duplex modes (Modes 1, 2 and 3). Asynchronous transmission and
reception can occur simultaneously and at different baud rates
Serial I/O port includes the following enhancements:
q
Framing error detection
q
Automatic address recognition
6.4.1 Framing Error Detection
Framing bit error detection is provided for the three asynchronous modes (modes 1, 2 and 3). To enable the framing
bit error detection feature, set SMOD0 bit in PCON register (See Figure 6).
Figure 6. Framing Error Block Diagram
When this feature is enabled, the receiver checks each incoming data frame for a valid stop bit. An invalid stop
bit may result from noise on the serial lines or from simultaneous transmission by two CPUs. If a valid stop bit
is not found, the Framing Error bit (FE) in SCON register (See Table 8.) bit is set.
RI
TI
RB8
TB8
REN
SM2
SM1
SM0/FE
IDL
PD
GF0
GF1
POF
-
SMOD0
SMOD1
To UART framing error control
SM0 to UART mode control (SMOD = 0)
Set FE bit if stop bit is 0 (framing error) (SMOD = 1)
SCON (98h)
PCON (87h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com