Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 36 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 36 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 32Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 33Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 34Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 35Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 36Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 37Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 38Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 39Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 40Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
36
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Figure 11. Set-Up Modes Configuration
8.3.3 Programming Algorithm
The Improved Quick Pulse algorithm is based on the Quick Pulse algorithm and decreases the number of pulses
applied during byte programming from 25 to 1.
To program the TS87C52X2 the following sequence must be exercised:
q
Step 1: Activate the combination of control signals.
q
Step 2: Input the valid address on the address lines.
q
Step 3: Input the appropriate data on the data lines.
q
Step 4: Raise EA/VPP from VCC to VPP (typical 12.75V).
q
Step 5: Pulse ALE/PROG once.
q
Step 6: Lower EA/VPP from VPP to VCC
Repeat step 2 through 6 changing the address and data for the entire array or until the end of the object file is
reached (See Figure 12.).
8.3.4 Verify algorithm
Code array verify must be done after each byte or block of bytes is programmed. In either case, a complete verify
of the programmed array will ensure reliable programming of the TS87C52X2.
P 2.7 is used to enable data output.
To verify the TS87C52X2 code the following sequence must be exercised:
q
Step 1: Activate the combination of program and control signals.
q
Step 2: Input the valid address on the address lines.
q
Step 3: Read data on the data lines.
Repeat step 2 through 3 changing the address for the entire array verification (See Figure 12.)
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.4
VSS
GND
D0-D7
A0-A7
A8-A12
RST
EA/VPP
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL
SIGNALS*
PROGRAM
SIGNALS*
* See Table 31. for proper value on these inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com