Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 38 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 38 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 34Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 35Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 36Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 37Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 38Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 39Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 40Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 41Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 42Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
38
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
9. Signature Bytes
The TS80/87C52X2 has four signature bytes in location 30h, 31h, 60h and 61h. To read these bytes follow the
procedure for EPROM verify but activate the control lines provided in Table 31. for Read Signature Bytes. Table
33. shows the content of the signature byte for the TS80/87C52X2.
Table 21. Signature Bytes Content
Location
Contents
Comment
30h
58h
Manufacturer Code: TEMIC
31h
57h
Family Code: C51 X2
60h
2Dh
Product name: TS80C52X2
60h
ADh
Product name: TS87C52X2
60h
20h
Product name: TS80C32X2
61h
FFh
Product revision number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com