Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 32 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 32 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 28Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 29Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 30Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 31Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 32Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 33Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 34Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 35Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 36Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
32
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
6.10 Reduced EMI Mode
The ALE signal is used to demultiplex address and data buses on port 0 when used with external program or data
memory. Nevertheless, during internal code execution, ALE signal is still generated. In order to reduce EMI, ALE
signal can be disabled by setting AO bit.
The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no longer output but
remains active during MOVX and MOVC instructions and external fetches. During ALE disabling, ALE pin is
weakly pulled high.
Table 17. AUXR Register
AUXR - Auxiliary Register (8Eh)
Reset Value = XXXX XX00b
Not bit addressable
7
6
5
4
3
2
1
0
-
-
-
-
-
-
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
EXTRAM
EXTRAM bit
See Table 7.
0
AO
ALE Output bit
Clear to restore ALE operation during internal fetches.
Set to disable ALE operation during internal fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com