Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C52X2-VCKB Datasheet(PDF) 54 Page - TEMIC Semiconductors

Part # TS80C52X2-VCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C52X2-VCKB Datasheet(HTML) 54 Page - TEMIC Semiconductors

Back Button TS80C52X2-VCKB Datasheet HTML 46Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 47Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 48Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 49Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 50Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 51Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 52Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 53Page - TEMIC Semiconductors TS80C52X2-VCKB Datasheet HTML 54Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
54
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
11. Ordering Information
Table 35. Maximum Clock Frequency
Code
-M
-V
-L
Unit
Standard Mode, oscillator frequency
Standard Mode, internal frequency
40
40
40
40
30
30
MHz
X2 Mode, oscillator frequency
X2 Mode, internal equivalent frequency
20
40
30
60
20
40
MHz
87C52X2
Packages:
A: PDIL 40
B: PLCC 44
C: PQFP F1 (13.9 mm footprint)
E: VQFP 44 (1.4mm)
EPROM-UV Erasable (*)
J: Window CDIL 40*
K: Window CQPJ 44*
TS
Part Number
80C32X2:
Romless
80C52X2:
8K ROM
87C52X2:
8K OTP
TEMIC Semiconductors
C
Temperature Range
C: Commercial 0 to 70oC
I: Industrial -40 to 85oC
-M
Conditioning
R: Tape & Reel
D: Dry Pack
B: Tape & Reel and
Dry Pack
R
(*) Check with TEMIC Sales Office for availability
B
-M:
VCC: 5V +/- 10%
40 MHz, standard mode
20 MHz, X2 mode
-V:
VCC: 5V +/- 10%
40 MHz, standard mode
30 MHz, X2 mode
-L:
VCC: 2.7 to 5.5 V
30 MHz, standard mode
20 MHz, X2 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com