Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 188 page
background image
Memory
Data Sheet
MC68HC908RF2 — Rev. 4.0
30
Memory
MOTOROLA
BLK0 — Block Erase Control Bit
This read/write bit together with BLK1 allows erasing of blocks of varying size.
See 2.5.3 FLASH 2TS Erase Operation for a description of available block
sizes.
HVEN — High-Voltage Enable Bit
This read/write bit enables the charge pump to drive high voltages for program
and erase operations in the array. HVEN can be set only if either PGM = 1 or
ERASE = 1 and the proper sequence for smart programming or erase is
followed.
1 = High voltage enabled to array and charge pump on
0 = High voltage disabled to array and charge pump off
MARGIN — Margin Read Control Bit
This read/write bit configures the memory for margin read operation. MARGIN
cannot be set if the HVEN = 1. MARGIN will automatically return to unset (0) if
asserted when HVEN = 1.
1 = Margin read operation selected
0 = Margin read operation unselected
ERASE — Erase Control Bit
This read/write bit configures the memory for erase operation. ERASE is
interlocked with the PGM bit such that both bits cannot be set at the same time.
1 = Erase operation selected
0 = Erase operation unselected
PGM — Program Control Bit
This read/write bit configures the memory for program operation. PGM is
interlocked with the ERASE bit such that both bits cannot be set at the same
time.
1 = Program operation selected
0 = Program operation unselected
2.5.2 FLASH 2TS Charge Pump Frequency Control
The internal charge pump, required for program, margin read, and erase
operations, is designed to operate most efficiently with a 2-MHz clock. The charge
pump clock is derived from the bus clock. Table 2-2 shows how the FDIV bits are
used to select a charge pump frequency based on the bus clock frequency.
Program, margin read, and erase operations cannot be performed if the bus clock
frequency is below 2 MHz.
NOTE:
The charge pump is optimized for 2-MHz operation.
Table 2-2. Charge Pump Clock Frequency
FDIV0
Pump Clock Frequency
0
Bus frequency
÷ 1
1
Bus frequency
÷ 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com