Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 16Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 17Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 18Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 19Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 20Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 188 page
background image
General Description
Data Sheet
MC68HC908RF2 — Rev. 4.0
20
General Description
MOTOROLA
1.4.7 UHF Transmitter Pins
The MC68HC908RF2 uses dedicated pins for its UHF module. These pins are
described in Table 1-1.
Table 1-1. UHF Transmitter Pins
Pin
Function
Description
6
GND
Ground
7
XTAL1
Reference oscillator input
8
XTAL0
Reference oscillator output
9
REXT
Output amplifier current setting resistor
10
CFSK
FSK switch output
11
VCC
Power supply
12
RFOUT
Power amplifier output
13
GNDRF
Power amplifier ground
14
VCC
Power supply
15
ENABLE
Enable input
16
MODE
Modulation type selection input
17
BAND
Frequency band selection
18
DATA
Data input
19
DATACLK
Clock output to the microcontroller
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com