Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 85Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 86Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 188 page
background image
Internal Clock Generator Module (ICG)
Usage Notes
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
83
6.4.7 Improving Settling Time
The settling time of the internal clock generator can be vastly improved if an
external clock source can be used during the settling time. When the internal clock
generator is disabled (ICGON is low), the DDIV[3:0] and DSTG[7:0] bits can be
written. Then, when the internal clock generator is re-enabled, the clock period will
automatically start at the point written in the DDIV and DSTG bits.
Since a change in the DDIV and DSTG bits only cause a change in the clock period
relative to the starting point, the starting point must first be captured. The initial
clock period can be expressed as in the next example, where tX is a process,
temperature, and voltage dependent constant and DDIV1 and DSTG1 are the
values of DDIV and DSTG when operating at t1.
Finding the new values for DDIV and DSTG is easy if the new clock period is a
binary multiple or fraction of the original. In this case, DSTG is unchanged and
DDIV2 is DDIV1 + log2(t2/t1).
If the new clock period is not a binary multiple or fraction of the original, both DSTG
and DDIV may need to change according to these equations:
If DSTG2 is greater than 255:
The software required to do this is relatively simple, since most of the math can be
done before coding because the initial and final clock periods are known. An
example of how to code this in assembly code is shown in Figure 6-9. This
example is for illustrative purposes only and does not represent a valid syntax for
any particular assembler.
t
1
t
X
2
DDIV1
DSTG1
⋅⋅
=
DVFACT
int
t
2
t
1
⁄
()
log
2
()
log
---------------------------
=
DDIV2
DDIV1
DVFACT
+
=
DSFACT
t
2
t
1
⁄
()
2
DDIV2
DDIV1
–
()
----------------------------------------------------
=
DSTG2
DSFACT DSTG1
⋅
=
DDIV2
DDIV2
1
+
=
DSTG2
DSTG2
2
---------------------
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com