Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 95Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 96Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 188 page
background image
Keyboard/External Interrupt Module (KBI)
Data Sheet
MC68HC908RF2 — Rev. 4.0
98
Keyboard/External Interrupt Module (KBI)
MOTOROLA
Figure 7-5. Keyboard Interrupt Block Diagram
7.3.3 KBI Module During Break Interrupts
The system integration module (SIM) controls whether the IRQ1 or keyboard
interrupt latches can be cleared during the break state. The BCFE bit in the break
flag control register (BFCR) enables software to clear the latches during the break
state. (See 10.7.3 SIM Break Flag Control Register.)
To allow software to clear the IRQ1 or keyboard latches during a break interrupt,
write a 1 to the BCFE bit. If a latch is cleared during the break state, it remains
cleared when the MCU exits the break state.
To protect the latch during the break state, write a 0 to the BCFE bit. With BCFE
at 0 (its default state), writing to the ACKI or ACKK bits in the IRQ and keyboard
status and control register during the break state has no effect on the IRQ1 or
keyboard latches.
7.3.4 Keyboard Interrupt Pins
Writing to the KBIE6–KBIE1 bits in the keyboard interrupt enable register
independently enables or disables each port A pin as a keyboard interrupt pin.
Enabling a keyboard interrupt pin also enables its internal pullup device. A logic 0
applied to an enabled keyboard interrupt pin latches an IRQ1/keyboard interrupt
request.
KB1IE
KB6IE
.
.
.
KEYBOARD
INTERRUPT
DQ
CK
CLR
VDD
MODEK
IMASKK
KEYBOARD
INTERRUPT LATCH
REQUEST
VECTOR FETCH
DECODER
ACKK
INTERNAL BUS
RESET
TO PULLUP
KBD6
KBD1
TO PULLUP
SYNCHRONIZER
KEYF
ENABLE
ENABLE
IRQ1
INTERRUPT
REQUEST
IRQ1/KEYBOARD
INTERRUPT
REQUEST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com