Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 188 page
background image
Internal Clock Generator Module (ICG)
Data Sheet
MC68HC908RF2 — Rev. 4.0
80
Internal Clock Generator Module (ICG)
MOTOROLA
Likewise, when DSTG[4:0] is %11111, the ring operates at 25 stage delays for 31
of 32 cycles and at 23 stage delays for one of 32 cycles. When DSTG[7:5] is %111,
similar results are achieved by including a variable divide-by-two, so the ring
operates at 31 stages for some cycles and at 17 stage delays, with a divide-by-two
for an effective 34 stage delays, for the remainder of the cycles. Adjusting the
DSTG[0] bit has a 0.202 percent to 0.368 percent effect on the output clock period.
This corresponds to the minimum size correction made by the DLF, and the
inherent, long-term quantization error in the output frequency.
6.4.5 Switching Internal Clock Frequencies
The frequency of the internal clock (ICLK) may need to be changed for some
applications. For example, if the reset condition does not provide the correct
frequency, or if the clock is slowed down for a low-power mode (or sped up after a
low-power mode), the frequency must be changed by programming the internal
clock multiplier factor (N). The frequency of ICLK is N times the frequency of
IBASE, which is 307.2 kHz
±25 percent.
Before switching frequencies by changing the N value, the clock monitor must be
disabled. This is because when N is changed, the frequency of the low-frequency
base clock (IBASE) will change proportionally until the digital loop filter has
corrected the error. Since the clock monitor uses IBASE, it could erroneously
detect an inactive clock. The clock monitor cannot be re-enabled until the internal
clock is stable again (ICGS is set).
NOTE:
There is no hardware mechanism to prevent changing bus frequency dynamically.
Be careful when changing bus frequency and consider the impact on the system.
This flow is an example of how to change the clock frequency:
1.
Verify there is no clock monitor interrupt by reading the CMF bit.
2.
Turn off the clock monitor.
3.
If desired, switch to the external clock (see 6.4.1 Switching Clock
Sources).
4.
Change the value of N.
5.
Switch back to internal (see 6.4.1 Switching Clock Sources), if desired.
6.
Turn on the clock monitor (see 6.4.2 Enabling the Clock Monitor),
if desired.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com