Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 91 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 91 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 87Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 88Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 89Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 90Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 91Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 92Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 93Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 94Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 95Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 188 page
background image
Internal Clock Generator Module (ICG)
I/O Registers
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Internal Clock Generator Module (ICG)
91
6.7.4 ICG DCO Divider Register
DDIV3–DDIV0 — ICG DCO Divider Control Bits
These bits indicate the number of divide-by-twos (DDIV) that follow the digitally
controlled oscillator. Incrementing DDIV will add another divide-by-two,
doubling the period (halving the frequency). Decrementing has the opposite
effect. DDIV cannot be written when ICGON is set to prevent inadvertent
frequency shifting. When ICGON is set, DDIV is controlled by the digital loop
filter. The range of valid values for DDIV is from $0 to $9. Values of $A–$F are
interpreted the same as $9. Since the DCO is active during reset, reset has no
effect on DSTG and the value may vary.
6.7.5 ICG DCO Stage Register
DSTG7–DSTG0 — ICG DCO Stage Control Bits
These bits indicate the number of stages DSTG (above the minimum) in the
digitally controlled oscillator. The total number of stages is approximately equal
to $1FF, so changing DSTG from $00 to $FF will approximately double the
period. Incrementing DSTG will increase the period (decrease the frequency) by
0.202 percent to 0.368 percent (decrementing has the opposite effect). DSTG
cannot be written when ICGON is set to prevent inadvertent frequency shifting.
When ICGON is set, DSTG is controlled by the digital loop filter. Since the DCO
is active during reset, reset has no effect on DSTG and the value may vary.
Address: $0039
Bit 7
654321
Bit 0
Read:
RRRR
DDIV3
DDIV2
DDIV1
DDIV0
Write:
Reset:
0000
UUUU
R
= Reserved
U = Unaffected
Figure 6-14. ICG DCO Divider Register (ICGDVR)
Address: $003A
Bit 7
654321
Bit 0
Read:
DSTG7
DSTG6
DSTG5
DSTG4
DSTG3
DSTG2
DSTG1
DSTG0
Write:
Reset:
Unaffected by reset
Figure 6-15. ICG DCO Stage Register (ICGDSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com