Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 30Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 31Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 32Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 33Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 188 page
background image
Memory
Data Sheet
MC68HC908RF2 — Rev. 4.0
32
Memory
MOTOROLA
2.5.4 FLASH 2TS Program/Margin Read Operation
NOTE:
After a total of eight program operations have been applied to a row, the row must
be erased before further programming to avoid program disturb. An erased byte
will read $00.
The FLASH 2TS memory is programmed on a page basis. A page consists of one
byte. The smart programming algorithm (Figure 2-4) is recommended to program
every page in the FLASH 2TS memory.
The embedded smart programming algorithm uses this step-by-step sequence to
program the data into the FLASH memory. The algorithm optimizes the time
required to program each page. Refer to 2.5.7 Embedded Program/Erase
Routines for information on utilizing embedded routines.
1.
Set the FDIV bits. These bits determine the charge pump frequency.
2.
Set PGM = 1. This configures the memory for program operation and
enables the latching of address and data for programming.
3.
Read the FLASH 2TS block protect register (FLBPR).
4.
Write data to the one byte being programmed.
5.
Set HVEN = 1.
6.
Wait for a time, tStep.
7.
Set HVEN = 0.
8.
Wait for a time, tHVTV.
9.
Set MARGIN = 1.
10.
Wait for a time, tVTP.
11.
Set PGM = 0.
12.
Wait for a time, tHVD.
13.
Read back data in margin read mode. This read operation is stretched by
eight cycles.
14.
Clear the MARGIN bit. If the margin read data is identical to
write data, the program operation is complete; otherwise, jump to step 2.
NOTE:
While these operations must be performed in the order shown, other unrelated
operations may occur between the steps.
The smart programming algorithm guarantees the minimum possible program
time.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com