Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 97Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 98Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 99Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 100Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 101Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 102Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 103Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 104Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 188 page
background image
Keyboard/External Interrupt Module (KBI)
I/O Registers
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Keyboard/External Interrupt Module (KBI)
101
7.5 I/O Registers
These registers control and monitor operation of the keyboard/external interrupt
module:
•
IRQ and keyboard status and control register, INTKBSCR
•
Keyboard interrupt enable register, KBIER
7.5.1 IRQ and Keyboard Status and Control Register
The IRQ and keyboard status and control register (INTKBSCR) controls and
monitors operation of the keyboard/external interrupt module. The INTKBSCR has
these functions:
•
Flags the keyboard interrupt requests
•
Acknowledges the keyboard interrupt requests
•
Masks the keyboard interrupt requests
•
Shows the state of the IRQ1 interrupt flag
•
Clears the IRQ interrupt latch
•
Masks the IRQ interrupt request
•
Controls the triggering sensitivity of the keyboard and IRQ interrupt pins
IRQ1F — IRQ Flag Bit
This read-only status bit is high when the IRQ interrupt is pending.
1 = IRQ interrupt pending
0 = IRQ interrupt not pending
ACKI — IRQ Interrupt Request Acknowledge Bit
Writing a 1 to this write-only bit clears the IRQ latch. ACKI always reads as 0.
Reset clears ACKI.
IMASKI — IRQ Interrupt Mask Bit
Writing a 1 to this read/write bit disables IRQ interrupt requests. Reset clears
IMASKI.
1 = IRQ interrupt requests disabled
0 = IRQ interrupt requests enabled
MODEI — IRQ Triggering Sensitivity Bit
This read/write bit controls the triggering sensitivity of the IRQ pin. Reset clears
MODEI.
1 = IRQ interrupt requests on falling edges and low levels
0 = interrupt requests on falling edges only
Address: $001A
Bit 7
654321
Bit 0
Read:
IRQ1F
0
IMASKI
MODEI
KEYF
0
IMASKK
MODEK
Write:
R
ACKI
R
ACKK
Reset:
00000000
R= Reserved
Figure 7-6. IRQ and Keyboard Status and Control Register (INTKBSCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com