| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc |
|
104 / 188 page ![]() Low-Voltage Inhibit (LVI) Data Sheet MC68HC908RF2 — Rev. 4.0 104 Low-Voltage Inhibit (LVI) MOTOROLA In addition to forcing a reset condition, the LVI module has a second circuit dedicated to low-voltage detection. When VDD falls below VLVS, the output of the low-voltage comparator asserts the LOWV flag in the LVI status register (LVISR). In applications that require detecting low batteries, software can monitor by polling the LOWV bit. 8.3.1 False Trip Protection The VDD pin level is digitally filtered to reduce false dead battery detection due to power supply noise. For the LVI module to reset due to a low-power supply, VDD must remain at or below the VLVR level for a minimum 32–40 CGMXCLK cycles. See Table 8-1. 8.3.2 Short Stop Recovery Option The LVI has an enable time of tEN. The system stabilization time for power-on reset and long stop recovery (both 4096 CGMXCLK cycles) gives a delay longer than the LVI enable time for these startup scenarios. There is no period where the MCU is not protected from a low-power condition. However, when using the short stop recovery configuration option, the 32 CGMXCLK delay must be greater than the LVI turn on time to avoid a period in startup where the LVI is not protecting the MCU. NOTE: The LVI is enabled automatically after reset or stop recovery, if the LVISTOP of the CONFIG register is set. (See Section 3. Configuration Register (CONFIG).) Table 8-1. LOWV Bit Indication VDD Result At Level: For Number of CGMXCLK Cycles: VDD > VLVR ANY Filter counter remains clear VDD < VLVR < 32 CGMXCLK cycles No reset, continue counting CGMXCLK VDD < VLVR Between 32 and 40 CGMXCLK cycles LVI may generate a reset after 32 CGMXCLK cycles VDD < VLVR > 40 CGMXCLK cycles LVI is guaranteed to generate a reset Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |