Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C44 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 8Page - Texas Instruments TMS320C44 Datasheet HTML 9Page - Texas Instruments TMS320C44 Datasheet HTML 10Page - Texas Instruments TMS320C44 Datasheet HTML 11Page - Texas Instruments TMS320C44 Datasheet HTML 12Page - Texas Instruments TMS320C44 Datasheet HTML 13Page - Texas Instruments TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description
The TMS320C44 DSP is a 32-bit, floating-point processor manufactured in 0.72-
µm double-level-metal CMOS
technology. The TMS320C44 is part of the TMS320C4x generation of DSPs from Texas Instruments. The
on-chip parallel-processing capabilities of the ’C44 make the immense floating-point performance required by
many applications achievable.
operation
The ’320C44 has four on-chip communication ports for processor-to-processor communication with no external
hardware and simple communication software. This allows connectivity with no external-glue logic. The
communication ports remove input / output bottlenecks, and the independent smart 6-channel DMA
coprocessor is able to handle the CPU input / output burden.
To fit the ’320C40 into a 304-pin PQFP package ( thermally enhanced plastic quad flatpack), two communication
ports are removed and the external local and global address buses are reduced to 24 address lines each. In
this case, both the bond pads and driver circuits are removed, decreasing die size and power consumption.
Otherwise, functionality remains the same as the rest of the ’320C4x family.
The communication-port token and data-strobe control lines are internally connected to avoid spurious data,
boot-up, and power consumption problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com