Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C44 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 12Page - Texas Instruments TMS320C44 Datasheet HTML 13Page - Texas Instruments TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments TMS320C44 Datasheet HTML 17Page - Texas Instruments TMS320C44 Datasheet HTML 18Page - Texas Instruments TMS320C44 Datasheet HTML 19Page - Texas Instruments TMS320C44 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
IDLE2 clock-stop power-down mode (continued)
; ––––––––––––––––––––––––––––––––––––––––––––-–-–;
; IDLE2: Macro to generate idle2 opcode
;
; –––––––––––––––––––––––––––––––––––––––––––––-––;
IDLE2
.macro
.word
06000001h
.endm
Figure 4. Example Software Subroutine Using IDLE2
IDLE2 is exited when one of the five external interrupts (NMI and IIOF3 – IIOF0) is asserted low for at least four
input clocks (two H1 cycles). The clocks then start after a delay of two input clocks (one H1 cycle). The clocks
can start in the opposite phase; that is, H1 can be high when H3 was high before the clocks were stopped.
However, the H1 and H3 clocks remain 180 degrees out of phase with each other.
During IDLE2 operation, an external interrupt can be recognized and serviced by the CPU if it is enabled before
entering IDLE2 and asserted for at least two H1 cycles. For the processor to recognize only one interrupt, the
interrupt pin must be configured for edge-trigger mode or asserted less than three cycles in level-trigger mode.
Any external interrupt pin can wake up the device from IDLE2, but for the CPU to recognize that interrupt, it must
also be enabled. If an interrupt is recognized and executed by the CPU, the instruction following the IDLE2
instruction is not executed until after a return opcode is executed.
When the device is in emulation mode, the CPU executes an IDLE2 instruction as if it were an IDLE instruction.
The clocks continue to run for correct operation of the emulator.
boot-loader mode selection
Table 3. Boot-Loader Mode Selection Using Pins IIOF3 – IIOF0
EXTERNAL PIN
SOURCE PROGRAM LOCATION
IIOF3
IIOF2
IIOF1
IIOF0
SOURCE PROGRAM LOCATION
1
1
0
1
Load source program from address 0030 0000h
1
0
1
1
Load source program from address 4000 0000h (see Note 1)
1
0
0
1
Load source program from address 80 0000h
0
1
1
1
Load source program from address 8000 0000h (see Note 2)
0
1
0
1
Load source program from address 8040 0000h (see Note 3)
0
0
1
1
Load source program from address 8080 0000h (see Note 4)
0
0
0
1
Reserved (boot-loader program terminates)
1
1
1
1
Load source program from communication port
NOTES:
1. This selection cause the ’C44 to drive 0 in the 24 external local address pins and activates the LSTRB0 signal.
2. This selection cause the ’C44 to drive 0 in the 24 external global address pins ando activates the STRB0 signal.
3. This selection cause the ’C44 to drive 0x40 0000 in the 24 external global address pins and activates the STRB0 signal.
4. This selection cause the ’C44 to drive 0x80 0000 in the 24 external global address pins and to activate the STRB0 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com