Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C44 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments TMS320C44 Datasheet HTML 17Page - Texas Instruments TMS320C44 Datasheet HTML 18Page - Texas Instruments TMS320C44 Datasheet HTML 19Page - Texas Instruments TMS320C44 Datasheet HTML 20Page - Texas Instruments TMS320C44 Datasheet HTML 21Page - Texas Instruments TMS320C44 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
absolute maximum ratings over specified temperature range (unless otherwise noted)†
Supply voltage range, VDD (see Note 5)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 5: All voltage values are with respect to VSS.
recommended operating conditions
MIN
TYP‡
MAX
UNIT
VDD
Supply voltage (DDVDD, etc.)
4.75
5
5.25
V
X2 / CLKIN
2.6
VDD + 0.3§
VIH
High-level input voltage
CSTRB and CRDY pins
2.4
VDD + 0.3§
V
All other pins
2
VDD + 0.3§
VIL
Low-level input voltage
– 0.3§
0.8
V
IOH
High-level output current
– 300
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature
0
85
°C
‡ All typical values are at VDD = 5 V, TA (air temperature)= 25°C.
§ This parameter is characterized but not tested.
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS¶
MIN
TYP#
MAX
UNIT
VOH
High-level output voltage
VDD = MIN,
IOH = MAX
2.4
3
V
VOL
Low-level output voltage
VDD = MIN,
IOL = MAX
0.3
0.6
V
IZ
High-impedance current
VDD = MAX
–20
20
µA
X2 / CLKIN only
–30
30
II
Input current
Inputs with internal pullups
(see Note 6)
VI = VSS to VDD
– 400
20
µA
All others
–10
10
ICC
Supply current
TA = 25 °C,
VDD = MAX,
f = MAX (see Note 7)
’320C44-40
’320C44-50
350
850
mA
CC
y
fx = MAX (see Note 7)
’320C44-60
350
950
CI
Input capacitance
15||
pF
Co
Output capacitance
15||
pF
¶ For conditions shown as MIN / MAX, use the appropriate value specified under recommended operating conditions.
# All typical values are at VDD = 3.3 V, TA (air temperature) = 25°C.
|| This parameter is specified by design but not tested.
NOTES:
6. Pins with internal pullup devices: TDI, TCK, TMS. Pin with internal pulldown device: TRST.
7. fx is the input clock frequency. The maximum value (max) for the ’320C44-40, ’320C44-50, and ’320C44-60 is 40, 50 and 60 MHz,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com