Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C44 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 11Page - Texas Instruments TMS320C44 Datasheet HTML 12Page - Texas Instruments TMS320C44 Datasheet HTML 13Page - Texas Instruments TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments TMS320C44 Datasheet HTML 17Page - Texas Instruments TMS320C44 Datasheet HTML 18Page - Texas Instruments TMS320C44 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
communication-port-software reset (continued)
When used in conjunction with the communication-port direction pins and NMI bus-grant, an effective method
of error detection and correction can be achieved. A subroutine showing how to reset communication port 1 is
given in Figure 3.
; –––––––––––––––––––––––––––––––––––––––––––––-–––;
; RESET1:Flushes FIFOs data for communication port 1;
; –––––––––––––––––––––––––––––––––––––––––––––-–––;
RESET1 push
AR0
; Save registers
push
R0
;
push
RC
;
ldhi
010h,AR0
; Set AR0 to base address of COM 1
or
050h,AR0
;
FLUSH: rpts
1
; Flush FIFO data with back-to-back write
sti
R0,*+AR0(3)
;
rpts
10
; Wait
nop
;
ldi
*+AR0(0),R0
; Check for new data from other port
and
01FE0h,R0
;
bnz
FLUSH
;
pop
RC
; Restore registers
pop
R0
;
pop
AR0
;
rets
; Return
Figure 3. Example of Communication-Port-Software Reset
NMI with bus-grant feature
The ’320C44 devices have a software-configurable feature that allows forcing the internal-peripheral bus ready
when the NMI signal is asserted. The NMI bus-grant feature is enabled when bits 19 and 18 of the status register
(ST) are set to 10b. When enabled, a peripheral bus-grant signal is generated on the falling edge of NMI. If NMI
is asserted and this feature is not enabled, the CPU stalls on access to the peripheral bus if it is not ready. A
stall condition occurs when writing to a full output FIFO or reading an empty input FIFO. This feature is useful
in correcting communication-port errors when used in conjunction with the communication-port software-reset
feature.
IDLE2 clock-stop power-down mode
The ’320C44 has a clock-stop mode, or power-down mode (IDLE2) to achieve extremely low power
consumption. When an IDLE2 instruction is executed, the clocks are halted with H1 held high. ( Exiting IDLE2
requires asserting one of the IIOF3 – IIOF0 pins configured as an external interrupt.) A macro showing how to
generate the IDLE2 opcode is given in Figure 4. During this power-down mode:
D No instructions are executed.
D The CPU, peripherals, and internal memory retain their previous state.
D The external-bus outputs are idle. The address lines remain in their previous state; the data lines are in the
high-impedance state; and the output-control signals are inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com