Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C44 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320C44
Description  DIGITAL SIGNAL PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320C44 Datasheet HTML 10Page - Texas Instruments TMS320C44 Datasheet HTML 11Page - Texas Instruments TMS320C44 Datasheet HTML 12Page - Texas Instruments TMS320C44 Datasheet HTML 13Page - Texas Instruments TMS320C44 Datasheet HTML 14Page - Texas Instruments TMS320C44 Datasheet HTML 15Page - Texas Instruments TMS320C44 Datasheet HTML 16Page - Texas Instruments TMS320C44 Datasheet HTML 17Page - Texas Instruments TMS320C44 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031B – AUGUST 1994 – REVISED DECEMBER 1995
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
DMA coprocessor
The DMA coprocessor allows concurrent I / O and CPU processing for the highest sustained CPU performance.
The key features of the DMA coprocessor are:
D Link pointers to allow DMA channels to autoinitialize without CPU intervention
D Parallel CPU operation and DMA transfers
D Six DMA channels to support memory-to-memory data transfers
D Split-mode operation which doubles the available channels to twelve when data transfers to and from a
communication port are required
communication ports
The ’320C44 contains four identical high-speed communication ports, each of which provides a
bidirectional-communication interface to other ’C4x devices and external peripherals. The key features of the
communication ports are:
D Direct interprocessor communication and processor I/O
D 20M-byte/s bidirectional interface on each communication port for high-speed multiprocessor interface
D Port direction pin (CDIR) to ease interfacing
D Separate input and output 8-word-deep FIFO buffers for processor-to-processor communication and I/O
D Automatic arbitration and handshaking for direct processor-to-processor connection
communication-port direction pin
A port-direction pin (CDIR1, CDIR2, CDIR4, CDIR5) is available for each ’C44 communication port. When the
communication port is in the output mode, CDIRx is driven low. When the communication port is in the input
mode, CDIRx is driven high. The truth table for two ’320C44 devices is shown in Table 1. Communication
port 1 of CPUA is connected to communication port 4 of CPUB.
Table 1. Truth Table for Two ’320C44 Devices
CDIR1
CDIR4
DESCRIPTION
0
0
Token error
0
1
CPUA is configured to transmit to CPUB.
1
0
CPUB is configured to transmit to CPUA .
1
1
Token exchange overlap, if > 1H then token error
communication-port-software reset
The input and output FIFO levels for a communication port can be flushed by writing at least two back-to-back
values to its communication-port software-reset address as specified in Table 2. This software reset flushes any
word or byte already present in the FIFOs, but it does not affect the status of the communication-port pins.
Table 2. Communication-Port Software-Reset Address
COMMUNICATION PORT
SOFTWARE-RESET ADDRESS
1
0x0100053
2
0x0100063
4
0x0100083
5
0x0100093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com