Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 38Page - Texas Instruments TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
42
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-mapped registers (continued)
Table 10. Peripheral Memory-Mapped Registers (’542 and ’543 Only)†
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
BDRR
32
20
BSP data-receive register
BDXR
33
21
BSP data-transmit register
BSPC
34
22
BSP serial-port control register
BSPCE
35
23
BSP control extension register
TIM
36
24
Timer register
PRD
37
25
Timer period counter
TCR
38
26
Timer control register
—
39
27
Reserved
SWWSR
40
28
External bus S/W wait-state register
BSCR
41
29
External bus bank-switching control register
—
42 – 43
2A – 2B
Reserved
HPIC
44
2C
HPI control register‡
—
45 – 47
2D – 2F
Reserved
TRCV
48
30
TDM data-receive register
TDXR
49
31
TDM data-transmit register
TSPC
50
32
TDM serial-port control register
TCSR
51
33
TDM channel-select register
TRTA
52
34
TDM receive / transmit register
TRAD
53
35
TDM receive address register
—
54 – 55
36 – 37
Reserved
AXR
56
38
BSP ABU transmit-address register
BKX
57
39
BSP ABU transmit-buffer-size register
ARR
58
3A
BSP ABU receive-address register
BKR
59
3B
BSP ABU receive-buffer-size register
† BSP = Buffered serial port
TDM = Time-division multiplexed
ABU = Auto-buffering unit
‡ Host-port interface (HPI) on ’542 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com