Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 41 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 37Page - Texas Instruments XIO2001 Datasheet HTML 38Page - Texas Instruments XIO2001 Datasheet HTML 39Page - Texas Instruments XIO2001 Datasheet HTML 40Page - Texas Instruments XIO2001 Datasheet HTML 41Page - Texas Instruments XIO2001 Datasheet HTML 42Page - Texas Instruments XIO2001 Datasheet HTML 43Page - Texas Instruments XIO2001 Datasheet HTML 44Page - Texas Instruments XIO2001 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 131 page
background image
3.10.1 Serial-Bus Interface Implementation
GPIO4 // SCL
GPIO3 // SDA
VDD_33
A0
A1
A2
SCL
SDA
XIO2001
Serial
EEPROM
3.10.2 Serial-Bus Interface Protocol
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
To enable the serial-bus interface, a pullup resistor must be implemented on the SCL signal. At the rising
edge of PERST or GRST, whichever occurs later in time, the SCL terminal is checked for a pullup resistor.
If one is detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see Section 4.58)
is set. Software may disable the serial-bus interface at any time by writing a 0b to the SBDETECT bit. If
no external EEPROM is required, then the serial-bus interface is permanently disabled by attaching a
pulldown resistor to the SCL signal.
The bridge implements a two-terminal serial interface with one clock signal (SCL) and one data signal
(SDA). The SCL signal is a unidirectional output from the bridge and the SDA signal is bidirectional. Both
are open-drain signals and require pullup resistors. The bridge is a bus master device and drives SCL at
approximately 60 kHz during data transfers and places SCL in a high-impedance state (0 frequency)
during bus idle states. The serial EEPROM is a bus slave device and must acknowledge a slave address
equal to A0h. Figure 3-13 illustrates an example application implementing the two-wire serial bus.
Figure 3-13. Serial EEPROM Application
All data transfers are initiated by the serial-bus master. The beginning of a data transfer is indicated by a
start condition, which is signaled when the SDA line transitions to the low state while SCL is in the high
state, as illustrated in Figure 3-14. The end of a requested data transfer is indicated by a stop condition,
which is signaled by a low-to-high transition of SDA while SCL is in the high state, as shown in
Figure 3-14. Data on SDA must remain stable during the high state of the SCL signal, as changes on the
SDA signal during the high state of SCL are interpreted as control signals, that is, a start or stop condition.
Figure 3-14. Serial-Bus Start/Stop Conditions and Bit Transfers
Submit Documentation Feedback
Feature/Protocol Descriptions
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com