Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 59 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 55Page - Texas Instruments XIO2001 Datasheet HTML 56Page - Texas Instruments XIO2001 Datasheet HTML 57Page - Texas Instruments XIO2001 Datasheet HTML 58Page - Texas Instruments XIO2001 Datasheet HTML 59Page - Texas Instruments XIO2001 Datasheet HTML 60Page - Texas Instruments XIO2001 Datasheet HTML 61Page - Texas Instruments XIO2001 Datasheet HTML 62Page - Texas Instruments XIO2001 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
4.23 Prefetchable Limit Upper 32-Bit Register
4.24 I/O Base Upper 16-Bit Register
4.25 I/O Limit Upper 16-Bit Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
This read/write register specifies the upper 32 bits of the prefetchable memory limit register. See
Table 4-14 for a complete description of the register contents.
PCI register offset:
2Ch
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-14. Prefetchable Limit Upper 32-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Prefetchable memory limit upper 32 bits. Defines the upper 32 bits of the highest address of the
31:0
PRELIMIT
RW
prefetchable memory address range that determines when to forward memory transactions
downstream.
This read/write register specifies the upper 16 bits of the I/O base register. See Table 4-15 for a complete
description of the register contents.
PCI register offset:
30h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-15. I/O Base Upper 16-Bit Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
I/O base upper 16 bits. Defines the upper 16 bits of the lowest address of the I/O address range
15:0
IOBASE
RW
that determines when to forward I/O transactions downstream. These bits correspond to address
bits [31:20] in the I/O address. The lower 20 bits are assumed to be 00000h.
This read/write register specifies the upper 16 bits of the I/O limit register. See Table 4-16 for a complete
description of the register contents.
PCI register offset:
32h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Submit Documentation Feedback
Classic PCI Configuration Space
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com