Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 89 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 85Page - Texas Instruments XIO2001 Datasheet HTML 86Page - Texas Instruments XIO2001 Datasheet HTML 87Page - Texas Instruments XIO2001 Datasheet HTML 88Page - Texas Instruments XIO2001 Datasheet HTML 89Page - Texas Instruments XIO2001 Datasheet HTML 90Page - Texas Instruments XIO2001 Datasheet HTML 91Page - Texas Instruments XIO2001 Datasheet HTML 92Page - Texas Instruments XIO2001 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 131 page
background image
4.73 Serial IRQ Edge Control Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-46. Serial IRQ Mode Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
R
Reserved. Returns 0h when read.
Start frame pulse width. Sets the width of the start frame for a SERIRQ stream.
00 = 4 clocks (default)
3:2(1)
START_WIDTH
RW
01 = 6 clocks
10 = 8 clocks
11 = Reserved
Poll mode. This bit selects between continuous and quiet mode.
1(1)
POLLMODE
RW
0 = Continuous mode (default)
1 = Quiet mode
RW Drive mode. This bit selects the behavior of the serial IRQ controller during the
recovery cycle.
0(1)
DRIVEMODE
RW
0 = Drive high (default)
1 = 3-state
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
This register controls the edge mode or level mode for each IRQ in the serial IRQ stream. See Table 4-47
for a complete description of the register contents.
PCI register offset:
E2h
Register type:
Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-47. Serial IRQ Edge Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
IRQ 15 edge mode
15(1)
IRQ15_MODE
RW
0 = Edge mode (default)
1 = Level mode
IRQ 14 edge mode
14(1)
IRQ14_MODE
RW
0 = Edge mode (default)
1 = Level mode
IRQ 13 edge mode
13(1)
IRQ13_MODE
RW
0 = Edge mode (default)
1 = Level mode
IRQ 12 edge mode
12(1)
IRQ12_MODE
RW
0 = Edge mode (default)
1 = Level mode
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
Classic PCI Configuration Space
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com