Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 78 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments XIO2001 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
4.61 TL Control and Diagnostic Register 0
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
x
Table 4-34. GPIO Data Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Returns 000h when read.
4(1)
GPIO4_DATA
RW
GPIO 4 data. This bit reads the state of GPIO4 when in input mode or changes the state of
GPIO4 when in output mode.
3(1)
GPIO3_DATA
RW
GPIO 3 data. This bit reads the state of GPIO3 when in input mode or changes the state of
GPIO3 when in output mode.
2(1)
GPIO2_DATA
RW
GPIO 2 data. This bit reads the state of GPIO2 when in input mode or changes the state of
GPIO2 when in output mode.
1(1)
GPIO1_DATA
RW
GPIO 1 data. This bit reads the state of GPIO1 when in input mode or changes the state of
GPIO1 when in output mode.
0(1)
GPIO0_DATA
RW
GPIO 0 data. This bit reads the state of GPIO0 when in input mode or changes the state of
GPIO0 when in output mode.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
The contents of this register are used for monitoring status and controlling behavior of the bridge. See
Table 4-35 for a complete description of the register contents. It is recommended that all values within this
register be left at the default value. Improperly programming fields in this register may cause
interoperability or other problems.
PCI register offset:
C0h
Register type:
Read/Write
Default value:
0000 0001h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
Table 4-35. Control and Diagnostic Register 0 Description
ACCES
BIT
FIELD NAME
S
DESCRIPTION
31:24(1)
PRI_BUS_NUM
R
This field contains the captured primary bus number.
23:19(1)
PRI_DEVICE_ NUM
R
This field contains the captured primary device number.
18
ALT_ERROR_REP
RW
Alternate Error Reporting. This bit controls the method that the XIO2001 uses for error
reporting.
0 = Advisory Non-Fatal Error reporting supported (default)
1 = Advisory Non-Fatal Error reporting not supported
17:16
RSVD
R
Reserved. Returns 00b when read.
15:14(1)
RSVD
RW
Reserved. Bits 15:14 default to 00b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 00b.
13:12
RSVD
R
Reserved. Returns 00b when read.
11:7(1)
RSVD
RW
Reserved. Bits 11:7 default to 00000b. If this register is programmed via EEPROM or
another mechanism, the value written into this field must be 00000b.
6:3
RSVD
R
Reserved. Returns 0h when read.
2(1)
CFG_ACCESS
RW
Configuration access to memory-mapped registers. When this bit is set, the bridge allows
_MEM_REG
configuration access to memory-mapped configuration registers.
1(1)
RSVD
RW
Reserved. Bit 1 defaults to 0b. If this register is programmed via EEPROM or another
mechanism, the value written into this field must be 0b.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Classic PCI Configuration Space
78
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com