Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 77 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 131 page
background image
4.59 GPIO Control Register
4.60 GPIO Data Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-32. Serial-Bus Control and Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
0(1)
ROM_ERR
RCU
Serial EEPROM load error. This bit is set when an error occurs while downloading registers
from serial EEPROM.
0 = No error
1 = EEPROM load error
This register controls the direction of the five GPIO terminals. This register has no effect on the behavior
of GPIO terminals that are enabled to perform secondary functions. The secondary functions share GPIO0
(CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL). See Table 4-33 for a complete
description of the register contents.
PCI register offset:
B4h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-33. GPIO Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:5
RSVD
R
Reserved. Return 000h when read.
4(1)
GPIO4_DIR
RW
GPIO 4 data direction. This bit selects whether GPIO4 is in input or output mode.
0 = Input (default)
1 = Output
3(1)
GPIO3_DIR
RW
GPIO 3 data direction. This bit selects whether GPIO3 is in input or output mode.
0 = Input (default)
1 = Output
2(1)
GPIO2_DIR
RW
GPIO 2 data direction. This bit selects whether GPIO2 is in input or output mode.
0 = Input (default)
1 = Output
(1)
GPIO1_DIR
RW
GPIO 1 data direction. This bit selects whether GPIO1 is in input or output mode.
0 = Input (default)
1 = Output
0(1)
GPIO0_DIR
RW
GPIO 0 data direction. This bit selects whether GPIO0 is in input or output mode.
0 = Input (default)
1 = Output
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
This register reads the state of the input mode GPIO terminals and changes the state of the output mode
GPIO terminals. Writing to a bit that is in input mode or is enabled for a secondary function is ignored. The
secondary functions share GPIO0 (CLKRUN), GPIO1 (PWR_OVRD), GPIO3 (SDA), and GPIO4 (SCL).
The default value at power up depends on the state of the GPIO terminals as they default to
general-purpose inputs. See Table 4-34 for a complete description of the register contents.
PCI register offset:
B6h
Register type:
Read-only, Read/Write
Default value:
00XXh
Submit Documentation Feedback
Classic PCI Configuration Space
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com