Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 16 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 131 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
N
N
M
M
L
L
K
K
J
J
H
H
G
G
F
F
E
AD13
AD12
AD14
VDD_33
VSS
VSS
VSS
VSS
VREG_PD33
VDDA_15
RXP
E
D
D
C
C
B
B
A
A
1
2
3
4
5
6
7
8
9
10
11
12
13
AD21
AD24
AD27
AD28
AD31
INTA
INTD
LOCK
GPIO0//
GPIO2
JTAG_TDO
JTAG_TCK
VDD_15_
N
AD18
AD22
C/BE[3]
AD25
AD29
M66EN
INTC
SERIRQ
GPIO1//
GPIO4_
GRST
PME
REF0_PCIE
M
L
K
J
H
PAR
SERR
PERR
VSS
VDD_33
VDD_33
VDD_15
VSSA
VDD_15
VSSA
TXN
G
F
CLK
AD15
C/BE[1]
VSS
VDD_33
VDD_33
VDD_33
VSS
VDD_15
VSS
VSSA
F
E
AD11
AD9
PCIR
CLKREQ
VSSA
RXN
D
C
B
AD7
AD4
AD3
REQ0
GNT0
GNT1
CLKOUT3
CLKOUT4
REQ4
CLKOUT5
PCLK66_
EXT_ARB_
REFCLK125
A
C/BE[2]
AD19
AD17
VDD_33_
VDD_33_
VDD_15
FRAME
TRDY
PCIR
VSS
VSS
VDD_15
VDD_15
VSS
VDD_33
VDD_33_
VSSA
STOP
DEVSEL
IRDY
VSS
VDD_33
VDD_33
VDD_15
VSS
PERST
VDDA_15
TXP
CLKRUN
AD10
C/BE[0]
AD5
AD2
AD1
REQ1
REQ2
REQ3
REQ5
CLKOUT6
CLKRUN_EN
VDDA_33
REFCLK+
AD8
AD6
AD0
CLKOUT0
CLKOUT1
CLKOUT2
GNT2
GNT3
GNT4
GNT5
VSSA
REFCLK-
AD16
AD20
AD23
AD26
AD30
INTB
PRST
GPIO3//SDA
JTAG_
JTAG_TDI
JTAG_TMS
WAKE
REF1_PCIE
TRST
PWR_OVRD
SCL
COMB
SEL
EN
_SEL
AUX
COMB_IO
COMB
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
Table 2-1. ZGU Terminals Sorted Alphanumerically (continued)
BALL
SIGNAL NAME
BALL
SIGNAL NAME
BALL
SIGNAL NAME
L03
AD21
M03
AD24
N03
AD27
L04
AD23
M04
AD26
N04
AD30
L05
AD29
M05
AD28
N05
AD31
L06
M66EN
M06
INTA
N06
INTB
L07
INTD
M07
INTC
N07
PRST
L08
VDD_33
M08
LOCK
N08
SERIRQ
L09
JTAG_TRST
M09
GPIO // PWR_OVRD
N09
GPIO0 // CLKRUN
L10
JTAG_TMS
M10
GPIO4 // SCL
N10
GPIO2
L11
VSS
M11
JTAG_TD0
N11
GPIO3 // SDA
L12
PME
M12
JTAG_TCK
N12
JTAG_TDI
L13
VDD_15_COMB
M13
WAKE
N13
GRST
M01
AD20
N01
C/BE[3]
M02
AD22
N02
AD25
Figure 2-2. XIO2001 ZAJ MicroStar BGA Package (Bottom View)
16
Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com