Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 75 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 71Page - Texas Instruments XIO2001 Datasheet HTML 72Page - Texas Instruments XIO2001 Datasheet HTML 73Page - Texas Instruments XIO2001 Datasheet HTML 74Page - Texas Instruments XIO2001 Datasheet HTML 75Page - Texas Instruments XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
4.55 Serial-Bus Data Register
4.56 Serial-Bus Word Address Register
4.57 Serial-Bus Slave Address Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
Table 4-30. Link Status Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
11
LT
R
Link training. This bit has no function and is read-only 0b.
10
TE
R
Retrain link. This bit has no function and is read-only 0b.
9:4
NLW
R
Negotiated link width. This field is read-only 00 0001b indicating the lane width is x1.
3:0
LS
R
Link speed. This field is read-only 1h indicating the link speed is 2.5 Gb/s.
The serial-bus data register reads and writes data on the serial-bus interface. Write data is loaded into this
register prior to writing the serial-bus slave address register (offset B2h, see Section 4.57) that initiates the
bus cycle. When reading data from the serial bus, this register contains the data read after bit 5
(REQBUSY) of the serial-bus control and status register (offset B3h, see Section 4.58) is cleared. This
register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B0h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
The value written to the serial-bus word address register represents the word address of the byte being
read from or written to the serial-bus device. The word address is loaded into this register prior to writing
the serial-bus slave address register (offset B2h, see Section 4.57) that initiates the bus cycle. This
register is reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI register offset:
B1h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
The serial-bus slave address register indicates the slave address of the device being targeted by the
serial-bus cycle. This register also indicates if the cycle is a read or a write cycle. Writing to this register
initiates the cycle on the serial interface. See Table 4-31 for a complete description of the register
contents.
PCI register offset:
B2h
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Submit Documentation Feedback
Classic PCI Configuration Space
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com