Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 80 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 76Page - Texas Instruments XIO2001 Datasheet HTML 77Page - Texas Instruments XIO2001 Datasheet HTML 78Page - Texas Instruments XIO2001 Datasheet HTML 79Page - Texas Instruments XIO2001 Datasheet HTML 80Page - Texas Instruments XIO2001 Datasheet HTML 81Page - Texas Instruments XIO2001 Datasheet HTML 82Page - Texas Instruments XIO2001 Datasheet HTML 83Page - Texas Instruments XIO2001 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 131 page
background image
4.64 Subsystem Access Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
1
1
0
0
1
0
0
0
0
1
0
1
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-37. Control and Diagnostic Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24(1) N_FTS_
RW
N_FTS for asynchronous clock. When bit 6 (CCC) of the link control register (offset A0h, see
ASYNC_CLK
Section 4.53) is clear, the value in this field is the number of FTS that are sent on a transition from
L0s to L0. This field shall default to 32h.
23:16(1) N_FTS_
RW
N_FTS for common clock. When bit 6 (CCC) of the link control register (offset A0h, see Section 4.53)
COMMON_
is set, the value in this field is the number of FTS that are sent on a transition from L0s to L0. This
CLK
field defaults to 14h.
15:13
PHY_REV
R
PHY revision number
12:8(1)
LINK_NUM
RW
Link number
7(1)
EN_L2_PWR_
RW
Enable L2 Power Savings
SAVE
0= Power savings not enabled when in L2
1= Power savings enabled when in L2.
6
RSVD
R
Reserved. Returns 0b when read.
5(1)
BAR0_EN
RW
BAR 0 Enable.
0 = BAR at offset 10h is disabled (default)
1 = BAR at offset 10h is enabled
4:0(1)
RSVD
RW
Reserved. Bits 4:0 default to 00000b. If this register is programmed via EEPROM or another
mechanism, then the value written into this field must be 00000b.
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
The contents of this read/write register are aliased to the subsystem vendor ID and subsystem ID registers
at PCI offsets 84h and 86h. See Table 4-38 for a complete description of the register contents.
PCI register offset:
D0h
Register type:
Read/Write
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 4-38. Subsystem Access Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16(1)
SubsystemID
RW
Subsystem ID. The value written to this field is aliased to the subsystem ID register at PCI
offset 46h (see Section 4.33).
15:0(1)
SubsystemVendorID
RW
Subsystem vendor ID. The value written to this field is aliased to the subsystem vendor ID
register at PCI offset 44h (see Section 4.32).
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Classic PCI Configuration Space
80
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com