Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 64 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 60Page - Texas Instruments XIO2001 Datasheet HTML 61Page - Texas Instruments XIO2001 Datasheet HTML 62Page - Texas Instruments XIO2001 Datasheet HTML 63Page - Texas Instruments XIO2001 Datasheet HTML 64Page - Texas Instruments XIO2001 Datasheet HTML 65Page - Texas Instruments XIO2001 Datasheet HTML 66Page - Texas Instruments XIO2001 Datasheet HTML 67Page - Texas Instruments XIO2001 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 131 page
background image
4.33 Subsystem ID Register
4.34 Capability ID Register
4.35 Next Item Pointer Register
4.36 Power Management Capabilities Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
SCPS212B – MAY 2009 – REVISED JULY 2009
www.ti.com
This register, used for system and option card identification purposes, may be required for certain
operating systems. This read-only register is initialized through the EEPROM and can be written through
the subsystem alias register. This register is reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset.
PCI register offset:
46h
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
This read-only register identifies the linked list item as the register for PCI Power Management ID
Capabilities. The register returns 01h when read.
PCI register offset:
48h
Register type:
Read-only
Default value:
01h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
1
The contents of this read-only register indicate the next item in the linked list of capabilities for the bridge.
This register reads 50h pointing to the MSI Capabilities registers.
PCI register offset:
49h
Register type:
Read-only
Default value:
50h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
1
0
1
0
0
0
0
This read-only register indicates the capabilities of the bridge related to PCI power management. See
Table 4-18 for a complete description of the register contents.
PCI register offset:
4Ah
Register type:
Read-only
Default value:
0603h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
1
1
0
0
0
0
0
0
0
1
1
64
Classic PCI Configuration Space
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com