Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2001 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  Express??to PCI Bus Translation Bridge
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 87 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 83Page - Texas Instruments XIO2001 Datasheet HTML 84Page - Texas Instruments XIO2001 Datasheet HTML 85Page - Texas Instruments XIO2001 Datasheet HTML 86Page - Texas Instruments XIO2001 Datasheet HTML 87Page - Texas Instruments XIO2001 Datasheet HTML 88Page - Texas Instruments XIO2001 Datasheet HTML 89Page - Texas Instruments XIO2001 Datasheet HTML 90Page - Texas Instruments XIO2001 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
4.70 Arbiter Request Mask Register
XIO2001 PCI Express™ to PCI Bus Translation Bridge
www.ti.com
SCPS212B – MAY 2009 – REVISED JULY 2009
The arbiter request mask register enables and disables support for requests from specific masters on the
secondary bus. The arbiter request mask register also controls if a request input is automatically masked
on an arbiter time-out. See Table 4-44 for a complete description of the register contents.
PCI register offset:
DDh
Register type:
Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4-44. Arbiter Request Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7(1)
ARB_TIMEOUT
RW
Arbiter time-out. This bit enables the arbiter time-out feature. The arbiter time-out is
defined as the number of PCI clocks after the PCI bus has gone idle for a device to assert
FRAME before the arbiter assumes the device will not respond.
0 = Arbiter time disabled (default)
1 = Arbiter time-out set to 16 PCI clocks
6(1)
AUTO_MASK
RW
Automatic request mask. This bit enables automatic request masking when an arbiter
time-out occurs.
0 = Automatic request masking disabled (default)
1 = Automatic request masking enabled
5(1)
REQ5_MASK
RW
Request 5 (REQ5) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 5 (default)
1 = Ignore request 5
4(1)
REQ4_MASK
RW
Request 4 (REQ4) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 4 (default)
1 = Ignore request 4
3(1)
REQ3_MASK
RW
Request 3 (REQ3) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 3 (default)
1 = Ignore request 3
2(1)
REQ2_MASK
RW
Request 2 (REQ2) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 2 (default)
1 = Ignore request 2
1(1)
REQ1_MASK
RW
Request 1 (REQ1) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 2 (default)
1 = Ignore request 2
0(1)
REQ0_MASK
RW
Request 0 (REQ0) Mask. Setting this bit forces the internal arbiter to ignore requests
signal on request input 0.
0 = Use request 0 (default)
1 = Ignore request 0
(1)
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
Submit Documentation Feedback
Classic PCI Configuration Space
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com