Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 18Page - NXP Semiconductors LPC2917/01 Datasheet HTML 19Page - NXP Semiconductors LPC2917/01 Datasheet HTML 20Page - NXP Semiconductors LPC2917/01 Datasheet HTML 21Page - NXP Semiconductors LPC2917/01 Datasheet HTML 22Page - NXP Semiconductors LPC2917/01 Datasheet HTML 23Page - NXP Semiconductors LPC2917/01 Datasheet HTML 24Page - NXP Semiconductors LPC2917/01 Datasheet HTML 25Page - NXP Semiconductors LPC2917/01 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
22 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Table 10 gives an overview of the flash-sector base addresses.
[1]
Availability of sector 15 to sector 18 depends on device type, see Section 3 “Ordering information”.
The index sector is a special sector in which the JTAG access protection and sector
security are located. The address space becomes visible by setting the FS_ISS bit and
overlaps the regular flash sector’s address space.
Note that the index sector cannot be erased, and that access to it has to be performed via
code outside the flash.
6.8.5 Flash bridge wait-states
To eliminate the delay associated with synchronizing flash-read data, a predefined
number of wait-states must be programmed. These depend on flash-memory response
time and system clock period. The minimum wait-states value can be calculated with the
following formulas:
Synchronous reading:
(1)
Asynchronous reading:
(2)
Table 10.
Flash sector overview
Sector number
Sector size (kB)
Sector base address
11
8
0x2000 0000
12
8
0x2000 2000
13
8
0x2000 4000
14
8
0x2000 6000
15
8
0x2000 8000
16
8
0x2000 A000
17
8
0x2000 C000
18
8
0x2000 E000
0
64
0x2001 0000
1
64
0x2002 0000
2
64
0x2003 0000
3
64
0x2004 0000
4
64
0x2005 0000
5
64
0x2006 0000
6
64
0x2007 0000
7[1]
64
0x2008 0000
8[1]
64
0x2009 0000
9[1]
64
0x200A 0000
10[1]
64
0x200B 0000
WST
t
acc clk
()
t
t
tclk sys
()
------------------
>
1
–
WST
t
acc addr
()
t
tclk sys
()
----------------------
>
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com