Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 27Page - NXP Semiconductors LPC2917/01 Datasheet HTML 28Page - NXP Semiconductors LPC2917/01 Datasheet HTML 29Page - NXP Semiconductors LPC2917/01 Datasheet HTML 30Page - NXP Semiconductors LPC2917/01 Datasheet HTML 31Page - NXP Semiconductors LPC2917/01 Datasheet HTML 32Page - NXP Semiconductors LPC2917/01 Datasheet HTML 33Page - NXP Semiconductors LPC2917/01 Datasheet HTML 34Page - NXP Semiconductors LPC2917/01 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
31 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.12.4 UARTs
The LPC2917/2919/01 contains two identical UARTs located at different peripheral base
addresses. The key features are:
• 16-byte receive and transmit FIFOs.
• Register locations conform to 550 industry standard.
• Receiver FIFO trigger points at 1 byte, 4 bytes, 8 bytes and 14 bytes.
• Built-in baud rate generator.
• Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.
The UART is commonly used to implement a serial interface such as RS232. The
LPC2917/2919/01 contains two industry-standard 550 UARTs with 16-byte transmit and
receive FIFOs, but they can also be put into 450 mode without FIFOs.
6.12.4.1
Pin description
The UART pins are combined with other functions on the port pins of the
LPC2917/2919/01. Table 16 shows the UART pins (x runs from 0 to 1).
6.12.4.2
Clock description
The UART modules are clocked by two different clocks; CLK_SYS_PESS and
CLK_UARTx (x = 0-1), see Section 6.7.2. Note that each UART has its own CLK_UARTx
branch clock for power management. The frequency of all CLK_UARTx clocks is identical
since they are derived from the same base clock BASE_CLK_UART. The register
interface towards the system bus is clocked by CLK_SYS_PESS. The baud generator is
clocked by the CLK_UARTx.
6.12.5 Serial peripheral interface (SPI)
The LPC2917/2919/01 contains three Serial Peripheral Interface modules (SPIs) to allow
synchronous serial communication with slave or master peripherals.
The key features are:
• Master or slave operation
• Each SPI supports up to four slaves in sequential multi-slave operation
• Supports timer-triggered operation
• Programmable clock bit rate and prescale based on SPI source clock
(BASE_SPI_CLK), independent of system clock
• Separate transmit and receive FIFO memory buffers; 16 bits wide, 32 locations deep
• Programmable choice of interface operation: Motorola SPI or Texas Instruments
Synchronous Serial Interfaces
• Programmable data-frame size from 4 to 16 bits
Table 16.
UART pins
Symbol
Pin name
Direction
Description
UARTx TXD
TXDx
OUT
UART channel x transmit data output
UARTx RXD
RXDx
IN
UART channel x receive data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com