Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 26Page - NXP Semiconductors LPC2917/01 Datasheet HTML 27Page - NXP Semiconductors LPC2917/01 Datasheet HTML 28Page - NXP Semiconductors LPC2917/01 Datasheet HTML 29Page - NXP Semiconductors LPC2917/01 Datasheet HTML 30Page - NXP Semiconductors LPC2917/01 Datasheet HTML 31Page - NXP Semiconductors LPC2917/01 Datasheet HTML 32Page - NXP Semiconductors LPC2917/01 Datasheet HTML 33Page - NXP Semiconductors LPC2917/01 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
30 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
• Up to four external outputs per timer corresponding to match registers, with the
following capabilities:
– Set LOW on match
– Set HIGH on match
– Toggle on match
– Do nothing on match
• Pause input pin (MSCSS timers only)
The timers are designed to count cycles of the clock and optionally generate interrupts or
perform other actions at specified timer values, based on four match registers. They also
include capture inputs to trap the timer value when an input signal changes state,
optionally generating an interrupt. The core function of the timers consists of a 32 bit
prescale counter triggering the 32 bit timer counter. Both counters run on clock
CLK_TMRx (x runs from 0 to 3) and all time references are related to the period of this
clock. Note that each timer has its individual clock source within the Peripheral
SubSystem. In the Modulation and Sampling SubSystem each timer also has its own
individual clock source. See section Section 6.15.5 for information on generation of these
clocks.
6.12.3.1
Pin description
The four timers in the peripheral subsystem of the LPC2917/2919/01 have the pins
described below. The two timers in the modulation and sampling subsystem have no
external pins except for the pause pin on MSCSS timer 1. See Section 6.14.6 for a
description of these timers and their associated pins. The timer pins are combined with
other functions on the port pins of the LPC2917/2919/01, see Section 6.11.3. Table
Table 15 shows the timer pins (x runs from 0 to 3).
6.12.3.2
Clock description
The timer modules are clocked by two different clocks; CLK_SYS_PESS and CLK_TMRx
(x = 0-3), see Section 6.7.2. Note that each timer has its own CLK_TMRx branch clock for
power management. The frequency of all these clocks is identical as they are derived from
the same base clock BASE_CLK_TMR. The register interface towards the system bus is
clocked by CLK_SYS_PESS. The timer and prescale counters are clocked by
CLK_TMRx.
Table 15.
Timer pins
Symbol
Pin name
Direction
Description
TIMERx CAP[0]
CAPx[0]
IN
TIMER x capture input 0
TIMERx CAP[1]
CAPx[1]
IN
TIMER x capture input 1
TIMERx CAP[2]
CAPx[2]
IN
TIMER x capture input 2
TIMERx CAP[3]
CAPx[3]
IN
TIMER x capture input 3
TIMERx MAT[0]
MATx[0]
OUT
TIMER x match output 0
TIMERx MAT[1]
MATx[1]
OUT
TIMER x match output 1
TIMERx MAT[2]
MATx[2]
OUT
TIMER x match output 2
TIMERx MAT[3]
MATx[3]
OUT
TIMER x match output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com