Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 41Page - NXP Semiconductors LPC2917/01 Datasheet HTML 42Page - NXP Semiconductors LPC2917/01 Datasheet HTML 43Page - NXP Semiconductors LPC2917/01 Datasheet HTML 44Page - NXP Semiconductors LPC2917/01 Datasheet HTML 45Page - NXP Semiconductors LPC2917/01 Datasheet HTML 46Page - NXP Semiconductors LPC2917/01 Datasheet HTML 47Page - NXP Semiconductors LPC2917/01 Datasheet HTML 48Page - NXP Semiconductors LPC2917/01 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
45 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
The QEI has the following features:
• Tracks encoder position.
• Increments/ decrements depending on direction.
• Programmable for 2X or 4X position counting.
• Velocity capture using built-in timer.
• Velocity compare function with less than interrupt.
• Uses 32-bit registers for position and velocity.
• Three position compare registers with interrupts.
• Index counter for revolution counting.
• Index compare register with interrupts.
• Can combine index and position interrupts to produce an interrupt for whole and
partial revolution displacement.
• Digital filter with programmable delays for encoder input signals.
• Can accept decoded signal inputs (clk and direction).
• Connected to APB.
6.14.7.1
Pin description
The QEI module in the MSCSS has the following pins. These are combined with other
functions on the port pins of the LPC2917/2919/01. Table 25 shows the QEI pins.
6.14.7.2
Clock description
The QEI module is clocked by CLK_MSCSS_QEI, see Section 6.7.2. The frequency of
this clock is identical to CLK_MSCSS_APB since they are derived from the same base
clock BASE_MSCSS_CLK.
If the QEI is not used its CLK_MSCSS_QEI branch clock can be switched off.
6.15 Power, clock and reset control subsystem
The Power, Clock, and Reset Control Subsystem (PCRSS) in the LPC2917/2919/01
includes the Clock Generator Units (CGU0 and CGU1), a Reset Generator Unit (RGU)
and a Power Management Unit (PMU).
Figure 11 provides an overview of the PCRSS. An AHB-to-DTL bridge provides
communication with the AHB system bus.
Table 25.
QEI pins
Symbol
Pin name
Direction
Description
QEI0 IDX
IDX0
IN
Index signal. Can be used to reset the position.
QEI0 PHA
PHA0
IN
Sensor signal. Corresponds to PHA in
quadrature mode and to direction in
clock/direction mode.
QEI0 PHB
PHB0
IN
Sensor signal. Corresponds to PHB in
quadrature mode and to clock signal in
clock/direction mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com