Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 48Page - NXP Semiconductors LPC2917/01 Datasheet HTML 49Page - NXP Semiconductors LPC2917/01 Datasheet HTML 50Page - NXP Semiconductors LPC2917/01 Datasheet HTML 51Page - NXP Semiconductors LPC2917/01 Datasheet HTML 52Page - NXP Semiconductors LPC2917/01 Datasheet HTML 53Page - NXP Semiconductors LPC2917/01 Datasheet HTML 54Page - NXP Semiconductors LPC2917/01 Datasheet HTML 55Page - NXP Semiconductors LPC2917/01 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
52 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.15.3.1
Pin description
The CGU1 module in the LPC2917/2919/01 has the pins listed in Table 27 below.
6.15.4 Reset Generation Unit (RGU)
The RGU controls all internal resets.
The key features of the Reset Generation Unit (RGU) are:
• Reset controlled individually per subsystem
• Automatic reset stretching and release
• Monitor function to trace resets back to source
• Register write-protection mechanism to prevent unintentional resets
6.15.4.1
Functional description
Each reset output is defined as a combination of reset input sources including the external
reset input pins and internal power-on reset, see Table 29. The first five resets listed in this
table form a sort of cascade to provide the multiple levels of impact that a reset may have.
The combined input sources are logically OR-ed together so that activating any of the
listed reset sources causes the output to go active.
Fig 15. Block diagram of the CGU1
PLL
FDIV0
OUT
002aae266
clkout
clkout120
clkout240
CLOCK GENERATION UNIT
(CGU1)
AHB TO DTL BRIDGE
BASE_OUT_CLK
BASE_ICLK1_CLK
BASE_ICLK0_CLK
Table 28.
CGU1 pins
Symbol
Direction
Description
CLK_OUT
OUT
clock output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com