Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 54Page - NXP Semiconductors LPC2917/01 Datasheet HTML 55Page - NXP Semiconductors LPC2917/01 Datasheet HTML 56Page - NXP Semiconductors LPC2917/01 Datasheet HTML 57Page - NXP Semiconductors LPC2917/01 Datasheet HTML 58Page - NXP Semiconductors LPC2917/01 Datasheet HTML 59Page - NXP Semiconductors LPC2917/01 Datasheet HTML 60Page - NXP Semiconductors LPC2917/01 Datasheet HTML 61Page - NXP Semiconductors LPC2917/01 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
58 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
7.
Limiting values
Table 32.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Supply pins
Ptot
total power dissipation
[1] -
1.5
W
VDD(CORE)
core supply voltage
−0.5
+2.0
V
VDD(OSC_PLL)
oscillator and PLL supply
voltage
−0.5
+2.0
V
VDDA(ADC3V3)
3.3 V ADC analog supply
voltage
−0.5
+4.6
V
VDD(IO)
input/output supply voltage
−0.5
+4.6
V
IDD
supply current
average value per supply
pin
[2] -98
mA
ISS
ground current
average value per ground
pin
[2] -98
mA
Input pins and I/O pins
VXIN_OSC
voltage on pin XIN_OSC
−0.5
+2.0
V
VI(IO)
I/O input voltage
[3][4][5]
−0.5
VDD(IO) + 3.0
V
VI(ADC)
ADC input voltage
for ADC1/2: I/O port 0 pin 8
to pin 23.
[4][5]
−0.5
VDDA(ADC3V3)
+ 0.5
V
VVREFP
voltage on pin VREFP
−0.5
+3.6
V
VVREFN
voltage on pin VREFN
−0.5
+3.6
V
II(ADC)
ADC input current
average value per input pin
[2] -35
mA
Output pins and I/O pins configured as output
IOHS
HIGH-level short-circuit
output current
drive HIGH, output shorted
to VSS(IO)
[6]
-
−33
mA
IOLS
LOW-level short-circuit
output current
drive LOW, output shorted
to VDD(IO)
[6]
-
+38
mA
General
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com