Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 22Page - NXP Semiconductors LPC2917/01 Datasheet HTML 23Page - NXP Semiconductors LPC2917/01 Datasheet HTML 24Page - NXP Semiconductors LPC2917/01 Datasheet HTML 25Page - NXP Semiconductors LPC2917/01 Datasheet HTML 26Page - NXP Semiconductors LPC2917/01 Datasheet HTML 27Page - NXP Semiconductors LPC2917/01 Datasheet HTML 28Page - NXP Semiconductors LPC2917/01 Datasheet HTML 29Page - NXP Semiconductors LPC2917/01 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
26 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
Usage of the idle/turn-around time (IDCY) is demonstrated In Figure 7. Extra wait states
are added between a read and a write cycle in the same external memory device.
Address pins on the device are shared with other functions. When connecting external
memories, check that the I/O pin is programmed for the correct function. Control of these
settings is handled by the SCU.
6.10 DMA controller
The DMA controller allows peripheral-to memory, memory-to-peripheral,
peripheral-to-peripheral, and memory-to-memory transactions. Each DMA stream
provides unidirectional serial DMA transfers for a single source and destination. For
example, a bidirectional port requires one stream for transmit and one for receives. The
source and destination areas can each be either a memory region or a peripheral, and
can be accessed through the same AHB master or one area by each master.
The DMA controls eight DMA channels with hardware prioritization. The DMA controller
interfaces to the system via two AHB bus masters, each with a full 32-bit data bus width.
DMA operations may be set up for 8-bit, 16-bit, and 32-bit data widths, and can be either
big-endian or little-endian. Incrementing or non-incrementing addressing for source and
destination are supported, as well as programmable DMA burst size. Scatter or gather
DMA is supported through the use of linked lists. This means that the source and
destination areas do not have to occupy contiguous areas of memory.
6.10.1 DMA support for peripherals
The GPDMA supports the following peripherals: SPI0/1/2 and UART0/1. The GPDMA can
access both embedded SRAM blocks (16 kB and 32 kB), both TCMs, external static
memory, and flash memory.
WSTOEN = 2, WSTWEN = 4, WST1 = 6, WST2 = 4, IDCY = 5
Fig 7.
Reading/writing external memory
OE
CLK(SYS)
CS
A
D
WSTOEN
WST1
WSTWEN
WST2
IDCY
002aae706
WE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com