Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 25Page - NXP Semiconductors LPC2917/01 Datasheet HTML 26Page - NXP Semiconductors LPC2917/01 Datasheet HTML 27Page - NXP Semiconductors LPC2917/01 Datasheet HTML 28Page - NXP Semiconductors LPC2917/01 Datasheet HTML 29Page - NXP Semiconductors LPC2917/01 Datasheet HTML 30Page - NXP Semiconductors LPC2917/01 Datasheet HTML 31Page - NXP Semiconductors LPC2917/01 Datasheet HTML 32Page - NXP Semiconductors LPC2917/01 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
29 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
• Optional interrupt generation on watchdog time-out
• Debug mode with disabling of reset
• Watchdog control register change-protected with key
• Programmable 32-bit watchdog timer period with programmable 32-bit prescaler.
6.12.2.1
Functional description
The watchdog timer consists of a 32-bit counter with a 32-bit prescaler.
The watchdog should be programmed with a time-out value and then periodically
restarted. When the watchdog times out, it generates a reset through the RGU.
To generate watchdog interrupts in watchdog debug mode the interrupt has to be enabled
via the interrupt enable register. A watchdog-overflow interrupt can be cleared by writing
to the clear-interrupt register.
Another way to prevent resets during debug mode is via the Pause feature of the
watchdog timer. The watchdog is stalled when the ARM9 is in debug mode and the
PAUSE_ENABLE bit in the watchdog timer control register is set.
The Watchdog Reset output is fed to the Reset Generator Unit (RGU). The RGU contains
a reset source register to identify the reset source when the device has gone through a
reset. See Section 6.15.4.
6.12.2.2
Clock description
The watchdog timer is clocked by two different clocks; CLK_SYS_PESS and CLK_SAFE,
see Section 6.7.2. The register interface towards the system bus is clocked by
CLK_SYS_PESS. The timer and prescale counters are clocked by CLK_SAFE which is
always on.
6.12.3 Timer
The LPC2917/2919/01 contains six identical timers: four in the peripheral subsystem and
two in the Modulation and Sampling Control SubSystem (MSCSS) located at different
peripheral base addresses. This section describes the four timers in the peripheral
subsystem. Each timer has four capture inputs and/or match outputs. Connection to
device pins depends on the configuration programmed into the port function-select
registers. The two timers located in the MSCSS have no external capture or match pins,
but the memory map is identical, see Section 6.14.6. One of these timers has an external
input for a pause function.
The key features are:
• 32-bit timer/counter with programmable 32-bit prescaler
• Up to four 32-bit capture channels per timer. These take a snapshot of the timer value
when an external signal connected to the TIMERx CAPn input changes state. A
capture event may also optionally generate an interrupt
• Four 32-bit match registers per timer that allow:
– Continuous operation with optional interrupt generation on match
– Stop timer on match with optional interrupt generation
– Reset timer on match with optional interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com