Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 31Page - NXP Semiconductors LPC2917/01 Datasheet HTML 32Page - NXP Semiconductors LPC2917/01 Datasheet HTML 33Page - NXP Semiconductors LPC2917/01 Datasheet HTML 34Page - NXP Semiconductors LPC2917/01 Datasheet HTML 35Page - NXP Semiconductors LPC2917/01 Datasheet HTML 36Page - NXP Semiconductors LPC2917/01 Datasheet HTML 37Page - NXP Semiconductors LPC2917/01 Datasheet HTML 38Page - NXP Semiconductors LPC2917/01 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
35 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.13.2 LIN
The LPC2917/2919/01 contain two LIN 2.0 master controllers. These can be used as
dedicated LIN 2.0 master controllers with additional support for sync break generation and
with hardware implementation of the LIN protocol according to spec 2.0.
Remark: Both LIN channels can be also configured as UART channels.
The key features are:
• Complete LIN 2.0 message handling and transfer
• One interrupt per LIN message
• Slave response time-out detection
• Programmable sync-break length
• Automatic sync-field and sync-break generation
• Programmable inter-byte space
• Hardware or software parity generation
• Automatic checksum generation
• Fault confinement
• Fractional baud rate generator
6.13.2.1
Pin description
The two LIN 2.0 master controllers in the LPC2917/2919/01 have the pins listed below.
The LIN pins are combined with other functions on the port pins of the LPC2917/2919/01.
Table 20 shows the LIN pins. For more information see Ref. 1 subsection 3.43, LIN master
controller.
6.13.3 I2C-bus serial I/O controllers
The LPC2917/2919/01 each contain two I2C-bus controllers.
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or as a transmitter with
the capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus, and it can be
controlled by more than one bus master connected to it.
The main features if the I2C-bus interfaces are:
• I2C0 and I2C1 use standard I/O pins with bit rates of up to 400 kbit/s (Fast I2C-bus)
and do not support powering off of individual devices connected to the same bus
lines.
• Easy to configure as master, slave, or master/slave.
Table 20.
LIN controller pins
Symbol
Pin name
Direction
Description
LIN0/1 TXD
TXDL0/1
OUT
LIN channel 0/1 transmit data output
LIN0/1 RXD
RXDL0/1
IN
LIN channel 0/1 receive data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com