Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2917/01 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # LPC2917/01
Description  ARM9 microcontroller with CAN and LIN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2917/01 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button LPC2917/01 Datasheet HTML 38Page - NXP Semiconductors LPC2917/01 Datasheet HTML 39Page - NXP Semiconductors LPC2917/01 Datasheet HTML 40Page - NXP Semiconductors LPC2917/01 Datasheet HTML 41Page - NXP Semiconductors LPC2917/01 Datasheet HTML 42Page - NXP Semiconductors LPC2917/01 Datasheet HTML 43Page - NXP Semiconductors LPC2917/01 Datasheet HTML 44Page - NXP Semiconductors LPC2917/01 Datasheet HTML 45Page - NXP Semiconductors LPC2917/01 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
LPC2917_19_01_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 17 June 2009
42 of 86
NXP Semiconductors
LPC2917/01; LPC2919/01
ARM9 microcontroller with CAN and LIN
6.14.5.1
Functional description
The ability to provide flexible waveforms allows PWM blocks to be used in multiple
applications; e.g. dimmer/lamp control and fan control. Pulse-width modulation is the
preferred method for regulating power since no additional heat is generated, and it is
energy-efficient when compared with linear-regulating voltage control networks.
The PWM delivers the waveforms/pulses of the desired duty cycles and cycle periods. A
very basic application of these pulses can be in controlling the amount of power
transferred to a load. Since the duty cycle of the pulses can be controlled, the desired
amount of power can be transferred for a controlled duration. Two examples of such
applications are:
• Dimmer controller: The flexibility of providing waves of a desired duty cycle and cycle
period allows the PWM to control the amount of power to be transferred to the load.
The PWM functions as a dimmer controller in this application
• Motor controller: The PWM provides multi-phase outputs, and these outputs can be
controlled to have a certain pattern sequence. In this way the force/torque of the
motor can be adjusted as desired. This makes the PWM function as a motor drive.
The PWM block diagram in Figure 10 shows the basic architecture of each PWM. PWM
functionality is split into two major parts, a APB domain and a PWM domain, both of which
run on clocks derived from the BASE_MSCSS_CLK. This split into two domains affects
behavior from a system-level perspective. The actual PWM and prescale counters are
located in the PWM domain but system control takes place in the APB domain.
Fig 10. PWM block diagram
002aad837
APB system bus
IRQ pwm
IRQ capt_match
PWM
CONTROL
&
REGISTERS
update
capture data
PWM counter value
config data
IRQs
PWM,
COUNTER,
PRESCALE
COUNTER
&
SHADOW
REGISTERS
match outputs
capture inputs
trap input
carrier inputs
sync_in
sync_out
transfer_enable_in
transfer_enable_out
APB DOMAIN
PWM DOMAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com