Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
6
PIN DESCRIPTIONS
Pin Number
Pin Type
Pin Name
Pin Description
1
OUT
HEALTHY
The HEALTHY pin is an open drain output. High when all
enabled output supplies are within the programmed levels.
HEALTHY will ignore any disabled supply.
There is a
programmable glitch filter on the under-voltage and over-voltage
sensors so that short transients outside of the limits will be
ignored by HEALTHY. When used this pin should be pulled high
by an external pull-up resistor.
2
I/O
SDA
SDA (Serial Data) is an open drain bi-directional pin used as the
I
2C data line. SDA must be tied high through a pull-up resistor.
3
IN
SCL
SCL (Serial Clock) is an open drain input pin used as the I
2C
clock line. SCL must be tied high through a pull-up resistor.
4
OUT
VREF_OUT
The VREF_OUT (Voltage Reference) pin is a precision
reference output. When an inverting output is used, this pin acts
as a level shifting reference for the feedback circuitry. When the
inverting output is not used, this pin may be used as a
programmable reference.
5
IN
COMP1_CH0
COMP1_CH0 (Channel 0 primary Compensation) pin is the
primary feedback input of the inverting controller.
6
IN
COMP2_CH0
COMP2_CH0 (Channel 0 secondary Compensation) pin is the
second feedback input of the inverting controller
7
OUT
LSDRV_CH0
The LSDRV_CH0 (Channel 0 Low-side Driver) pin is the
switching node of the inverting buck-boost controller. The output
of this pin should be attached to the gate of an external p-
channel MOSFET driver.
8
IN
HOST_RESET
The HOST_RESET pin is an active high reset input. When this
pin is asserted high, the nRESET output will immediately go low.
When HOST_RESET is brought low, nRESET will go high after
a programmed reset delay.
9
CAP
VBATT_CAP
The VBATT_CAP (VBATT Capacitor) pin is an external
capacitor input used to filter the internal supply.
10
PWR
VBATT
Power supply to part.
11
OUT
PCHSEQ_CH1
The PCHSEQ_CH1 (Channel 1 Sequence) pin is attached to an
external p-channel MOSFET and is used to enable the
corresponding channel 1 boost controller. PCHSEQ_CH1 uses
an internal 100
µA current sink for sequencing. This pin should
be pulled high through a parallel RC connection.
12
IN
COMP1_CH1
The COMP1_CH1 (Channel 1 primary Compensation) pin is the
primary compensation input of the channel 1 boost controller.
13
IN
COMP2_CH1
The COMP2_CH1 (Channel 1 secondary Compensation) pin is
the second compensation input of the channel 1 boost
controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com