Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB110 Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMB110
Description  Five Channel Programmable DC-DC System Power Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB110 Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMB110 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMB110 Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
SMB110
Preliminary Information
Summit Microelectronics, Inc
2099 2.3 3/1/2005
7
PIN DESCRIPTIONS
Pin Number
Pin Type
Pin Name
Pin Description
14
OUT
nRESET
The nRESET (Reset) pin is an active low open drain output. Active
when the SMB110 is powered up. Remains low for a user
programmable period of 25, 50, 100, or 200 ms after all enabled
supplies have exceeded their programmed thresholds. When used,
this pin should be pulled high by an external pull up resistor.
15
PWR
DRVGND
DRVGND (Driver Ground). Each DRVGND pin should be attached
externally to ground through a short wide wire.
16
OUT
LSDRV_CH1
The LSDRV_CH1 (Channel 1 Low-side Driver) pin is the lower
switching node of the synchronous boost controller. This pin attaches
to an external n-channel MOSFET
17
OUT
LSDRV_CH2
The LSDRV_CH2 (Channel 2 Low-side Driver) pin is the lower
switching node of the channel 2 synchronous buck controller. Attaches
to the gate of n-channel MOSFET.
18
PWR
HVSUP2
Supply for Channel 2 buck driver.
19
OUT
HSDRV_CH2
The HSDRV_CH2 (Channel 2 High-side Driver) pin is the upper
switching node of the channel 2 synchronous buck controller. Attach to
the gate of p-channel MOSFET. A delay exists between the assertion
of HSDRV_CH2 and assertion of LSDRV_CH2 to prevent excessive
current flow during switching.
20
IN
COMP2_CH2
The COMP2_CH2 (Channel 2 secondary Compensation) pin is the
secondary compensation input of the channel 2 buck controller.
21
IN
COMP1_CH2
The COMP1_CH2 (Channel 2 primary Compensation) pin is the
primary compensation input of the channel 2 buck controller. Each pin
is internally connected to a programmable resistor divider.
22
IN
VM_CH2
The VM_CH2 (Channel 2 Voltage Monitor) pin connects the channel 6
controller output. Internally the VM_CH2 pin connects to an internal
programmable resistor divider.
23
PWR
LDO_SUPPLY
The LDO_ SUPPLY pin powers the 3.3V VSTANDBY LDO output. The
LDO_ SUPPLY pin should be connected to the output of a boost
output (usually the intermediate bus). When the battery voltage drops
below the UV1 threshold, this pin will no longer supply the LDO. Do
not apply a voltage in excess of the recommended input voltage to this
pin.
24
OUT
VSTANDBY
The VSTANDBY (Voltage Standby) pin is a 3.3V LDO output.
VSTANDBY is supplied from the output of the intermediate bus
through the LDO_SUPP pin. When PWR_FAIL is asserted an internal
analog multiplexer will power VSTANDBY directly from the VBATT pin.
25
OUT
LSDRV_CH3
The LSDRV_CH3 (Channel 3 Low-side Driver) pin is the lower
switching node of the channel 3 synchronous buck controller. Attaches
to the gate of n-channel MOSFET.
26
PWR
HVSUP3
Supply for Channel 3 buck driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com