| Electronic Components Datasheet Search |
|
SMB110 Datasheet(PDF) 24 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMB110 Datasheet(HTML) 24 Page - Summit Microelectronics, Inc. |
|
24 / 34 page ![]() SMB110 Preliminary Information Summit Microelectronics, Inc 2099 2.3 3/1/2005 24 MINIMUM LOAD The duty cycle is limited to a 10-90% range. Consequently, the boost channels require a minimum load to prevent over voltage conditions from occurring. This may be overcome by attaching a resistor preload to the output that matches the minimum load requirements. This approach will result in a constant current consumption while the outputs are enabled. Alternatively, a zener diode (with a higher breakdown voltage than the output) can be connected across the output clamping the output voltage. This approach will not draw current when the load is enabled on the output. MARGINING The SMB110 has two additional voltage settings for channels 0-3, margin high and margin low. The margin high and margin low voltage settings have the same voltage range as the controllers’ nominal output voltage. These settings are stored in the configuration registers and are loaded into the voltage setting by margin commands issued via the I 2C bus. The margin command registers contain two bits for each channel that decode the commands to margin high, margin low, or control to the nominal setting. Therefore, any combination of margin high, margin low, and nominal control is allowed in the margining mode. Once the SMB110 receives the command to margin the supply voltages, it begins adjusting the supply voltages to move toward the desired setting. When all channels are at their voltage setting, a bit is set in the margin status registers. Note: Configuration writes or reads of registers should not be performed while margining. A typical application utilizing the margining functionality is depicted in Figure 8. When used with a boost controller setup as a constant current white LED driver, margining can be used to adjust the current through the LED chain as an adjustable brightness control. Figure 8 – Boost configured as a constant current white LED driver with adjustable current capabilities. SMB110 BOOST VIN PCHSEQ LSDRV COMP1(0-1.0V) COMP2 APPLICATIONS INFORMATION (CONTINUED) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |